Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTS-5603AG Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTS-5603AG
Description  0.56 Seven-Segment Numeric LED Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-5603AG Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTS-5603AG Datasheet HTML 1Page - Lite-On Technology Corporation LTS-5603AG Datasheet HTML 2Page - Lite-On Technology Corporation LTS-5603AG Datasheet HTML 3Page - Lite-On Technology Corporation LTS-5603AG Datasheet HTML 4Page - Lite-On Technology Corporation LTS-5603AG Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
9-152
0.56" Seven-Segment
Numeric LED Display
LTS-5x01A/5x03A
LTD-5x21A/5x23A
Series
LTC-5653x-01/5753x-01
Package Dimensions
A.LTS-5X01A/5X03A
B.LTD-5X21A/5X23A
Features
0.56 inch (14.22mm) digit height
Continuous uniform segments.
Low power requirement.
Excellent characters appearance.
High brightness & high contrast.
Wide viewing angle.
Solid state reliability.
Categorized for luminous intensity.
I.C. compatiable.
Easy mounting on P.C. board or socket.
Description
The LTS-5000A/LTD-5000A/LTC-5x53x-01 is a 0.56 inch (14.22mm) height 7-Segment single, dual and quadruple
displays. AlGaAs red displays have gray face and white segments. The LTS-5000A/LTD-5000A bright red, yellow and
red orange displays have gray face and white segments, and green displays have gray face and green segments. The
LTC-5x53x-01 displays have gray face and white segments.
The AlGaAs red 7-seven segment displys are designed for applications requiring low power consumption. They are
tested and selected for the excellent low current characteristics to ensure that the segments are matched at low
current. Drive current as low as 1 mA per segment is available.
The AlGaAs red series devices utilize LED chips which are made from AlGaAs on a non-transparent GaAs substrate.
The bright red and green series devices utilize LED chips which are made from GaP on a transparent GaPsubstrate. The
yellow and red orange series devices utilize LED chips which are made from GaAsP on a transparent GaP substrate.
14-5x01a.p65
2000/7/11, ¤U¤È 06:54
Page 152
Adobe PageMaker 6.5C/Win


Similar Part No. - LTS-5603AG

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-5601AG LITEON-LTS-5601AG Datasheet
352Kb / 6P
   LED Display
More results

Similar Description - LTS-5603AG

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-5303AP LITEON-LTS-5303AP Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTD-5521AE LITEON-LTD-5521AE Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTD-5623AG LITEON-LTD-5623AG Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
logo
NTE Electronics
NTE3078 NTE-NTE3078 Datasheet
25Kb / 2P
   0.56??Single Digit Numeric Display Seven Segment, RHDP
logo
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
logo
LUMEX INC.
LDC-N5616NI LUMEX-LDC-N5616NI Datasheet
60Kb / 1P
   0.56 QUAD DIGIT, SEVEN SEGMENT, LED CLOCK DISPLAY
LDD-A5643RI LUMEX-LDD-A5643RI Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDT-A514RI LUMEX-LDT-A514RI Datasheet
107Kb / 1P
   0.56 TRIPLE DIGIT, SEVEN SEGMENT DISPLAY
LDD-A513RI LUMEX-LDD-A513RI Datasheet
60Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A514RE LUMEX-LDD-A514RE Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com