Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LTS-5603AG Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part No. LTS-5603AG
Description  0.56 Seven-Segment Numeric LED Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-5603AG Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTS-5603AG Datasheet HTML 1Page - Lite-On Technology Corporation LTS-5603AG Datasheet HTML 2Page - Lite-On Technology Corporation LTS-5603AG Datasheet HTML 3Page - Lite-On Technology Corporation LTS-5603AG Datasheet HTML 4Page - Lite-On Technology Corporation LTS-5603AG Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
9-153
C.LTC-5653/5753
Notes:All dimensions are in millimeters (inches).
Tolerance:
0.25mm (0.01") unless otherwise noted.
Devices
Part No. LTC-
Description
Package
Dimension
Internal
Circuit
Diagram
Green
Red
Orange
LTC-5653WC-01
LTC-5753WC-01
5653G-01
5753G-01
5653E-01
5753E-01
Common Anode Multiplex
Common Cathode Multiplex
C
C
E
F
AlGaAs Red
Part No.
Description
Package
Dimension
Internal
Circuit
Diagram
Bright
Red
Green
Yellow
Red
Orange
LTS-5001AWC
LTS-5003AWC
LTD-5021AWC
LTD-5023AWC
5301AP
5303AP
5321AP
5323AP
5601AG
5603AG
5621AG
5623AG
5701AY
5703AY
5721AY
5723AY
5501AE
5503AE
5521AE
5523AE
Common Anode,
Rt. Hand Decimal
Common Cathode,
Rt. Hand Decimal
Common Anode,
Rt. Hand Decimal
Common Cathode,
Rt. Hand Decimal
A
A
B
B
A
B
C
D
AlGaAs Red
Pin Connection
Pin No.
Connection
A.LTS-5X01A
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
13.
14.
15.
16.
17.
18.
B.LTS-5X03A
C.LTD-5X21A
D.LTD-5X23A
Cathode E
Cathode D
Common Anode *1
Cathode C
Cathode D.P.
Cathode B
Cathode A
Common Anode *1
Cathode F
Cathode G
-
-
-
-
-
-
-
-
Anode E
Anode D
Common Cathode *1
Anode C
Anode D.P.
Anode B
Anode A
Common Cathode *1
Anode F
Anode G
-
-
-
-
-
-
-
-
Cathode E (Digit 1)
Cathode D (Digit 1)
Cathode C (Digit 1)
Cathode D.P. (Digit 1)
Cathode E (Digit 2)
Cathode D (Digit 2)
Cathode G (Digit 2)
Cathode C (Digit 2)
Cathode D.P. (Digit 2)
Cathode B (Digit 2)
Cathode A (Digit 2)
Cathode F (Digit 2)
Cathode Anode (Digit 2)
Cathode Anode (Digit 1)
Cathode B (Digit 1)
Cathode A (Digit 1)
Cathode G (Digit 1)
Cathode F (Digit 1)
Anode E (Digit 1)
Anode D (Digit 1)
Anode C (Digit 1)
Anode D.P. (Digit 1)
Anode E (Digit 2)
Anode D (Digit 2)
Anode G (Digit 2)
Anode C (Digit 2)
Anode D.P. (Digit 2)
Anode B (Digit 2)
Anode A (Digit 2)
Anode F (Digit 2)
Common Cathode (Digit 2)
Common Cathode (Digit 1)
Anode B (Digit 1)
Anode A (Digit 1)
Anode G (Digit 1)
Anode F (Digit 1)
Yellow
5653Y-01
5753Y-01
Bright
Red
5653P-01
5753P-01
14-5x01a.p65
2000/7/11, ¤U¤È 06:54
Page 153
Adobe PageMaker 6.5C/Win


Similar Part No. - LTS-5603AG

ManufacturerPart No.DatasheetDescription
Lite-On Technology Corporation
Lite-On Technology Corp...
LTS-5601AG LITEON-LTS-5601AG Datasheet
352Kb / 6P
   LED Display
More results

Similar Description - LTS-5603AG

ManufacturerPart No.DatasheetDescription
Lite-On Technology Corporation
Lite-On Technology Corp...
LTS-5303AP LITEON-LTS-5303AP Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTD-5521AE LITEON-LTD-5521AE Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTD-5623AG LITEON-LTD-5623AG Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
NTE Electronics
NTE Electronics
NTE3078 NTE-NTE3078 Datasheet
25Kb / 2P
   0.56??Single Digit Numeric Display Seven Segment, RHDP
Micro Electronics
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
LUMEX INC.
LUMEX INC.
LDC-N5616NI LUMEX-LDC-N5616NI Datasheet
60Kb / 1P
   0.56 QUAD DIGIT, SEVEN SEGMENT, LED CLOCK DISPLAY
LDD-A5643RI LUMEX-LDD-A5643RI Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDT-A514RI LUMEX-LDT-A514RI Datasheet
107Kb / 1P
   0.56 TRIPLE DIGIT, SEVEN SEGMENT DISPLAY
LDD-A513RI LUMEX-LDD-A513RI Datasheet
60Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A514RE LUMEX-LDD-A514RE Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz