Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LTS-5603AG Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part No. LTS-5603AG
Description  0.56 Seven-Segment Numeric LED Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-5603AG Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTS-5603AG Datasheet HTML 1Page - Lite-On Technology Corporation LTS-5603AG Datasheet HTML 2Page - Lite-On Technology Corporation LTS-5603AG Datasheet HTML 3Page - Lite-On Technology Corporation LTS-5603AG Datasheet HTML 4Page - Lite-On Technology Corporation LTS-5603AG Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
9-154
Pin No.
Connection
E.LTC-5653X-01
F.LTC-5753X-01
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
Cathode E
Cathode D
Cathode D.P.
Cathode C
Cathode G
Common Anode (Digit 4)
Cathode B
Common Anode (Digit 3)
Common Anode (Digit 2)
Cathode F
Cathode A
Common Anode (Digit 1)
Anode E
Anode D
Anode D.P.
Anode C
Anode G
Common Cathode (Digit 4)
Anode B
Common Cathode (Digit 3)
Common Cathode (Digit 2)
Anode F
Anode A
Common Cathode (Digit 1)
Internal Circuit Diagrams
A.LTS-5X01A
B.LTS-5X03A
C.LTD-5X21A
D.LTD-5X23A
E.LTC-5653X-01
F.LTC-5753X-01
Absolute Maximum Rating at Ta=25
Unit
Power Dissipation Per Segment
Peak Forward Current Per Segment
(1/10 Duty Cycle, 0.1ms Pulse Width)
Continuous Forward Current Per Segment
Derating Linear from 25
Per Segment
Reverse Voltage Per Segment
Operating Temperature Range
Stroage Temperature Range
Solder Temperature 1/16 Inch Below Seating Plane for 3 Seconds at 260
mW
mA
mA
mA/
V
-35
to +85
-35
to +85
Parameter
AlGaAs Red
Bright
Red
Green
Yellow
Red
Orange
75
125
30
0.4
5
40
60
15
0.2
5
75
100
25
0.33
5
60
80
20
0.27
5
75
100
25
0.33
5


Similar Part No. - LTS-5603AG

ManufacturerPart No.DatasheetDescription
Lite-On Technology Corporation
Lite-On Technology Corp...
LTS-5601AG LITEON-LTS-5601AG Datasheet
352Kb / 6P
   LED Display
More results

Similar Description - LTS-5603AG

ManufacturerPart No.DatasheetDescription
Lite-On Technology Corporation
Lite-On Technology Corp...
LTS-5303AP LITEON-LTS-5303AP Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTD-5521AE LITEON-LTD-5521AE Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTD-5623AG LITEON-LTD-5623AG Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
NTE Electronics
NTE Electronics
NTE3078 NTE-NTE3078 Datasheet
25Kb / 2P
   0.56??Single Digit Numeric Display Seven Segment, RHDP
Micro Electronics
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
LUMEX INC.
LUMEX INC.
LDC-N5616NI LUMEX-LDC-N5616NI Datasheet
60Kb / 1P
   0.56 QUAD DIGIT, SEVEN SEGMENT, LED CLOCK DISPLAY
LDD-A5643RI LUMEX-LDD-A5643RI Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDT-A514RI LUMEX-LDT-A514RI Datasheet
107Kb / 1P
   0.56 TRIPLE DIGIT, SEVEN SEGMENT DISPLAY
LDD-A513RI LUMEX-LDD-A513RI Datasheet
60Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A514RE LUMEX-LDD-A514RE Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz