Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ2319ES Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQ2319ES
Description  Automotive P-Channel 40 V (D-S) 175 C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2319ES Datasheet(HTML) 4 Page - Vishay Siliconix

  SQ2319ES Datasheet HTML 1Page - Vishay Siliconix SQ2319ES Datasheet HTML 2Page - Vishay Siliconix SQ2319ES Datasheet HTML 3Page - Vishay Siliconix SQ2319ES Datasheet HTML 4Page - Vishay Siliconix SQ2319ES Datasheet HTML 5Page - Vishay Siliconix SQ2319ES Datasheet HTML 6Page - Vishay Siliconix SQ2319ES Datasheet HTML 7Page - Vishay Siliconix SQ2319ES Datasheet HTML 8Page - Vishay Siliconix SQ2319ES Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SQ2319ES
www.vishay.com
Vishay Siliconix
S11-2111-Rev. C, 07-Nov-11
4
Document Number: 65735
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Gate Charge
Source Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Drain Source Breakdown vs. Junction Temperature
0
2
4
6
8
10
0
2
4
6
8
10
12
Q
g -Total Gate Charge (nC)
I
D = 3 A
V
DS = 20 V
0.001
0.01
0.1
1
10
100
0.0
0.3
0.6
0.9
1.2
1.5
V
SD - Source-to-Drain Voltage (V)
T
J = 25 °C
T
J = 150 °C
-0.5
-0.2
0.1
0.4
0.7
1.0
- 50
- 25
0
25
50
75
100
125
150
175
T
J -Temperature (°C)
I
D = 250 μA
I
D = 5 mA
0.5
0.9
1.3
1.7
2.1
2.5
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 3 A
V
GS = 4.5 V
V
GS = 10 V
0.0
0.2
0.4
0.6
0.8
1.0
02468
10
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
-50
-48
-46
-44
-42
-40
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 1 mA


Similar Part No. - SQ2319ES

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SQ2319ES-T1-GE3 VBSEMI-SQ2319ES-T1-GE3 Datasheet
500Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - SQ2319ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM40031EL VISHAY-SQM40031EL Datasheet
173Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 23-Jan-17
SQD50P04-13L VISHAY-SQD50P04-13L_15 Datasheet
169Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 29-Dec-14
SQS415ENW VISHAY-SQS415ENW_V02 Datasheet
249Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM50P04-09L VISHAY-SQM50P04-09L_V01 Datasheet
161Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4401CEY VISHAY-SQ4401CEY_V01 Datasheet
157Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2389ES VISHAY-SQ2389ES Datasheet
277Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 02-Feb-15
SQS401EN VISHAY-SQS401EN_15 Datasheet
1Mb / 14P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 31-Oct-11
SQ4401EY VISHAY-SQ4401EY Datasheet
255Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQM120P04-04L VISHAY-SQM120P04-04L_V01 Datasheet
165Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120P04-04L VISHAY-SQM120P04-04L_V02 Datasheet
164Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com