Electronic Components Datasheet Search |
|
1.5SMC68CA Datasheet(PDF) 9 Page - Socay Electornics Co., Ltd. |
|
1.5SMC68CA Datasheet(HTML) 9 Page - Socay Electornics Co., Ltd. |
9 / 56 page www.socay.com 9 Surface Mount Transient Voltage Suppressors (TVS) SMCJ Series 5.0 To 440 V 1500W Uni-directional Bi-directional u For surface mounted applications in order to optimize board space u Low leakage u Uni and Bidirectional unit u Glass passivated junction u Low inductance u Excellent clamping capability u 1500W Peak power capability at 10 × 1000µs waveform Repetition rate (duty cycle):0.01% u Fast response time: typically less than 1.0ps from 0 Volts to VBR min u Typical IR less than 5μA above 12V. u High Temperature soldering: 260 °C/40 seconds at terminals u Typical maximum temperature coefficient ΔVBR = 0.1% × VBR@25°C× ΔT u Plastic package has Underwriters Laboratory Flammability 94V-0 u Matte tin lead –free Plated u Halogen free and RoHS compliant u Typical failure mode is short from over-specified voltage or current u Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c u IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact) u ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2) u EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4) DO-214AB (SMC) Inches Millimeters Dimensions Min Max Min Max A 0.114 0.126 2.860 3.160 B 0.260 0.280 6.520 7.020 C 0.220 0.245 5.520 6.150 D 0.079 0.103 1.980 2.590 E 0.030 0.060 0.750 1.510 F - 0.008 - 0.203 G 0.305 0.320 7.640 8.020 H 0.006 0.012 0.152 0.305 I 0.129 - 3.300 - J 0.094 - 2.400 - K - 0.165 - 4.200 L 0.094 - 2.400 - Features Dimensions DO-214AB (SMC) Cathode Band |
Similar Part No. - 1.5SMC68CA |
|
Similar Description - 1.5SMC68CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |