Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK360SC-0-T6-G Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # SK360SC-0-T6-G
Description  3.0Amp. Surface Mount Schottky Barrier Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK360SC-0-T6-G Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  SK360SC-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. SK360SC-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. SK360SC-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. SK360SC-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. SK360SC-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. SK360SC-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C333SC
Issued Date : 2011.01.07
Revised Date :2013.09.27
Page No. : 2/ 6
SK320SC-SK3150SC
CYStek Product Specification
Maximum Ratings and Electrical Characteristics
(Rating at 25
°C ambient temperature unless otherwise specified. )
Type
Parameter
Symbol
SK320 SK340 SK360 SK3100 SK3150
Units
Repetitive peak reverse voltage
VRRM
20
40
60
100
150
V
Maximum RMS voltage
VRMS
14
28
42
70
105
V
Maximum DC blocking voltage
VR
20
40
60
100
150
V
Maximum instantaneous
forward voltage, IF=3A
VF
0.50
0.50
0.7
0.85
0.9
V
Average forward rectified current
IO
3
A
Peak forward surge current @8.3ms single half sine
wave superimposed on rated load (JEDEC method)
IFSM
80
A
Maximum DC reverse current
VR=VRRM,TA=25℃
VR=VRRM,TA=125℃
IR
0.5
50
mA
mA
Maximum thermal resistance, Junction to ambient
Rth,JA
55
Maximum thermal resistance, Junction to lead
Rth,JL
17
(Note)
℃/W
Diode junction capacitance @ f=1MHz and applied
4VDC reverse voltage
CJ
250(typ)
pF
Storage temperature
Tstg
-55 ~ +150
Operating temperature
TJ
-55 ~ +125
-55 ~ +150
Note : Measure on PCB with 0.2”×0.2”(5mm×5mm) copper pad area.
Recommended soldering footprint


Similar Part No. - SK360SC-0-T6-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK360SC-0-T6-G CYSTEKEC-SK360SC-0-T6-G Datasheet
194Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK360SC-0-T6-G CYSTEKEC-SK360SC-0-T6-G Datasheet
194Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - SK360SC-0-T6-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK3BSA CYSTEKEC-SK3BSA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK3XSB CYSTEKEC-SK3XSB Datasheet
218Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK38SA CYSTEKEC-SK38SA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK36SA CYSTEKEC-SK36SA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA320-3100SA CYSTEKEC-CSMA320-3100SA Datasheet
144Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK3100SC CYSTEKEC-SK3100SC Datasheet
367Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK3150SB CYSTEKEC-SK3150SB Datasheet
256Kb / 4P
   3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA582XSA CYSTEKEC-CSMA582XSA Datasheet
142Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK34SA CYSTEKEC-SK34SA Datasheet
257Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK320SC CYSTEKEC-SK320SC Datasheet
194Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK340SC CYSTEKEC-SK340SC Datasheet
194Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com