Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL432A3-A-TB-G Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # TL432A3-A-TB-G
Description  Adjustable shunt regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL432A3-A-TB-G Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button TL432A3-A-TB-G Datasheet HTML 2Page - Cystech Electonics Corp. TL432A3-A-TB-G Datasheet HTML 3Page - Cystech Electonics Corp. TL432A3-A-TB-G Datasheet HTML 4Page - Cystech Electonics Corp. TL432A3-A-TB-G Datasheet HTML 5Page - Cystech Electonics Corp. TL432A3-A-TB-G Datasheet HTML 6Page - Cystech Electonics Corp. TL432A3-A-TB-G Datasheet HTML 7Page - Cystech Electonics Corp. TL432A3-A-TB-G Datasheet HTML 8Page - Cystech Electonics Corp. TL432A3-A-TB-G Datasheet HTML 9Page - Cystech Electonics Corp. TL432A3-A-TB-G Datasheet HTML 10Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C504A3
Issued Date : 2003.03.21
Revised Date : 2013.10.23
Page No. : 6/15
TL432A3/N3/M3/K3
CYStek Product Specification
Typical Characteristics (Cont.)
Reference Impedance vs Junction Temperature
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-50
-25
0
25
50
75
100
125 150
Junction Temperature---TJ(℃)
Iz=0.1 to 100mA
Vz=VREF
f<1kHz
Reference Impedance vs Frequency
0.1
1
10
100
1000
10000
100000
1000000
Frequency---f(Hz)
TA=25℃
Small-Signal Gain vs Frequency
-20
-10
0
10
20
30
40
50
60
70
100
1000
10000
100000
1000000
Frequency---f(Hz)
Small-Signal Phase Shift vs Frequency
-360
-315
-270
-225
-180
100
1000
10000
100000
1000000
Frequency---f(Hz)
Stability Boundary Condition For Shunt Regulation
vs Cathode Current and Load Capacitance
0
0.5
1
1.5
2
2.5
3
3.5
0.001
0.01
0.1
1
10
Load Capacitance---CL(μF)
TA=25℃
Stable
Stable
Vz=VREF
Vz=2V
Power Derating Curves
0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
150
Junction Temperature---Tj(℃)
TO-92
SOT-89
SOT-23
TO-92L


Similar Part No. - TL432A3-A-TB-G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL432A TI-TL432A Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL432A TI-TL432A Datasheet
1Mb / 79P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL432A TI-TL432A Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL432A TI-TL432A Datasheet
1Mb / 79P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
HTC Korea TAEJIN Techno...
TL432A HTC-TL432A Datasheet
165Kb / 5P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results

Similar Description - TL432A3-A-TB-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com