Electronic Components Datasheet Search |
|
OPB490 Datasheet(PDF) 1 Page - OPTEK Technologies |
|
OPB490 Datasheet(HTML) 1 Page - OPTEK Technologies |
1 / 7 page OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.3 06/14 Page 1 of 7 Photologic® Slotted Optical Switch OPB460, OPB470, OPB480, OPB490 Series OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Features: Choice of pins or wires mounting configuration Choice of aperture Choice of output configuration Choice of opaque or IR transmissive shell material Data rates to 250 kBaud Low power consumption Description: The OPB460, OPB470, OPB480 and OPB490 series of Photologic® photo integrated circuit switches provide optimum flexibility for the design engineer. Building from a standard housing with a 0.125” (3.180 mm) wide slot, a user can specify the type and polarity of TTL output, discrete shell material, aperture width and choice of mounting configurations. OPB460 through OPB473 have 0.425” (10.795 mm) PCBoard leads with 0.320” (8.1 mm) spacing. OPB480 through OPB493 have 24” (609 mm) 26 AWG wires (UL approved wires). All devices in this series exhibit performance over supply voltages ranging from 4.5 V to 16.0 V, and may be specified as buffered or inverted with 10 kW Pull-up or Open Collector output. Devices are also TTI/LSTTL compatible and can drive up to 10 TTL loads. Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for more information. OPTEK Assembly Photologic™ Sensor Family Discrete Housing Material: 6 — Transmissive Shell, PCBoard Mountable 7 — Opaque Shell, PCBoard Mountable 8 — Transmissive Shell, Wire Termination 9 — Opaque Shell, Wire Termination Electrical Specifications: 0 — Buffered 10 kΩ Output 1 — Buffered Open-Collector Output 2 — Inverted 10 kΩ Output 3 — Inverted Open-Collector Output All PCBoard Versions RoHS Compliant: Z = Wire Version RoHS Compliant Sensor Aperture: 1 = 0.010” [0.25 mm] Emitter Aperture: 1 = 0.010” [0.25 mm] Mounting Configurations: L — Emitter side mounting tab only N — No mounting tabs P — Sensor side mounting tab only T — Two mounting tabs Part Number Guide — OPB460, OPB470, OPB480, OPB490 Series OPB 4 X X X 1 1 X Applications: Mechanical switch replacement Speed indication (tachometer) Mechanical limit indication Edge sensing RoHS |
Similar Part No. - OPB490 |
|
Similar Description - OPB490 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |