Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ190A Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # SMCJ190A
Description  Surface Mount Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SMCJ190A Datasheet(HTML) 7 Page - Cystech Electonics Corp.

  SMCJ190A Datasheet HTML 1Page - Cystech Electonics Corp. SMCJ190A Datasheet HTML 2Page - Cystech Electonics Corp. SMCJ190A Datasheet HTML 3Page - Cystech Electonics Corp. SMCJ190A Datasheet HTML 4Page - Cystech Electonics Corp. SMCJ190A Datasheet HTML 5Page - Cystech Electonics Corp. SMCJ190A Datasheet HTML 6Page - Cystech Electonics Corp. SMCJ190A Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C493SC
Issued Date : 2011.05.19
Revised Date :
Page No. : 7/7
SMCJ5.0 thru SMCJ440CA
CYStek Product Specification
DO-214AB/SMC Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.114
0.126
2.86
3.20
E
0.006
0.012
0.15
0.31
B
0.220
0.245
5.52
6.22
F
0.000
0.008
0.00
0.20
C
0.260
0.280
6.52
7.11
G
0.030
0.060
0.76
1.52
D
0.078
0.103
1.98
2.62
H
0.305
0.320
7.75
8.13
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - SMCJ190A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMCJ190A LUGUANG-SMCJ190A Datasheet
334Kb / 4P
   Surface Mount TVS
logo
Jiangsu High diode Semi...
SMCJ190A HDSEMI-SMCJ190A Datasheet
1Mb / 7P
   SMC Plastic-Encapsulate Diodes
logo
SUNMATE electronic Co.,...
SMCJ190A SUNMATE-SMCJ190A Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
MERITEK ELECTRONICS COR...
SMCJ190A MERITEK-SMCJ190A Datasheet
259Kb / 4P
   Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMCJ190A LUGUANG-SMCJ190A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
More results

Similar Description - SMCJ190A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com