Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ300A Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # SMAJ300A
Description  Surface Mount Transient Voltage Suppressors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SMAJ300A Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  SMAJ300A Datasheet HTML 1Page - Cystech Electonics Corp. SMAJ300A Datasheet HTML 2Page - Cystech Electonics Corp. SMAJ300A Datasheet HTML 3Page - Cystech Electonics Corp. SMAJ300A Datasheet HTML 4Page - Cystech Electonics Corp. SMAJ300A Datasheet HTML 5Page - Cystech Electonics Corp. SMAJ300A Datasheet HTML 6Page - Cystech Electonics Corp. SMAJ300A Datasheet HTML 7Page - Cystech Electonics Corp. SMAJ300A Datasheet HTML 8Page - Cystech Electonics Corp. SMAJ300A Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C290SA
Issued Date : 2010.01.19
Revised Date : 2013.05.07
Page No. : 4/9
SMAJ5.0 thru SMAJ440CA
CYStek Product Specification
Electrical Characteristics(Cont.)
Part Number
Device
Marking
Code
Breakdown
Voltage
VBR @ IT
(V)
UNI
BI
UNI
BI
Min
Max
Test
current
at IT
(mA)
Reverse
standoff
voltage
VRWM
(V)
Maximum
reverse
leakage at
VRWM
IR
(
μA)
Maximum
peak pulse
Current
IPPM
(A)
Maximum
clamping
voltage at
IPPM
VC
(V)
SMAJ110
SMAJ110C
SD
VD
122
149
1.0
110
5.0
1.5
196
SMAJ110A
SMAJ110CA
SE
VE
122
135
1.0
110
5.0
1.7
177
SMAJ120
SMAJ120C
SF
VF
133
163
1.0
120
5.0
1.4
214
SMAJ120A
SMAJ120CA
SG
VG
133
147
1.0
120
5.0
1.6
193
SMAJ130
SMAJ130C
SH
VH
144
176
1.0
130
5.0
1.3
231
SMAJ130A
SMAJ130CA
SK
VK
144
159
1.0
130
5.0
1.4
209
SMAJ140
SMAJ140C
SA
VA
155
190
1.0
140
5.0
1.6
251
SMAJ140A
SMAJ140CA
SB
VB
155
171
1.0
140
5.0
1.8
227
SMAJ150
SMAJ150C
SL
VL
167
204
1.0
150
5.0
1.1
268
SMAJ150A
SMAJ150CA
SM
VM
167
185
1.0
150
5.0
1.2
243
SMAJ160
SMAJ160C
SN
VN
178
218
1.0
160
5.0
1.0
287
SMAJ160A
SMAJ160CA
SP
VP
178
197
1.0
160
5.0
1.2
259
SMAJ170
SMAJ170C
SQ
VQ
189
231
1.0
170
5.0
0.99
304
SMAJ170A
SMAJ170CA
SR
VR
189
209
1.0
170
5.0
1.09
275
SMAJ180
SMAJ180C
SS
VS
200
245
1.0
180
5.0
1.2
322
SMAJ180A
SMAJ180CA
ST
VT
200
222
1.0
180
5.0
1.4
292
SMAJ190
SMAJ190C
SU
VU
211
258
1.0
180
5.0
1.2
340
SMAJ190A
SMAJ190CA
SV
VV
211
232
1.0
180
5.0
1.3
308
SMAJ200A
SMAJ200CA
SW
VW
224
247
1.0
200
5.0
1.2
324
SMAJ220A
SMAJ220CA
SX
VX
246
272
1.0
220
5.0
1.1
356
SMAJ250A
SMAJ250CA
SZ
VZ
279
309
1.0
250
5.0
1.0
405
SMAJ300A
SMAJ300CA
DE
HE
335
371
1.0
300
5.0
0.8
486
SMAJ350A
SMAJ350CA
DG
HG
391
432
1.0
350
5.0
0.7
567
SMAJ400A
SMAJ400CA
DK
HK
447
494
1.0
400
5.0
0.6
648
SMAJ440A
SMAJ440CA
DM
HM
492
543
1.0
440
5.0
0.6
713
Note: 1.Suffix ‘A’ denotes 5% tolerance device. Without ‘A’ denotes 10% tolerance device.
2.Add suffix ‘C’ or ‘CA’ after part number to specify bi-directional devices.
3.For bi-directional devices with VR of 10 volts and less, the IR limit is doubled.


Similar Part No. - SMAJ300A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ300A SOCAY-SMAJ300A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ300A LITTELFUSE-SMAJ300A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
SeCoS Halbleitertechnol...
SMAJ300A SECOS-SMAJ300A Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
logo
Formosa MS
SMAJ300A FORMOSA-SMAJ300A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
logo
SAMYANG ELECTRONICS CO....
SMAJ300A SAMYANG-SMAJ300A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMAJ300A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com