Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSE258 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QSE258
Description  Plastic Silicon OPTOLOGIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QSE258 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QSE258 Datasheet HTML 1Page - Fairchild Semiconductor QSE258 Datasheet HTML 2Page - Fairchild Semiconductor QSE258 Datasheet HTML 3Page - Fairchild Semiconductor QSE258 Datasheet HTML 4Page - Fairchild Semiconductor QSE258 Datasheet HTML 5Page - Fairchild Semiconductor QSE258 Datasheet HTML 6Page - Fairchild Semiconductor QSE258 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
tm
August 2012
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
QSE256, QSE257, QSE258, QSE259 Rev. 1.0.1
QSE256, QSE257, QSE258, QSE259
Plastic Silicon OPTOLOGIC® Photosensor
Features
Bipolar silicon IC
Package type: Sidelooker
Medium wide reception angle, 50°
Package material and color: black epoxy
Daylight filter
High sensitivity
Direct TTL/LSTTL interface
Description
The QSE25x family are OPTOLOGIC® ICs which
feature a Schmitt trigger at output which provides hyster-
esis for noise immunity and pulse shaping. The basic
building block of this IC consists of a photodiode, a linear
amplifier, voltage regulator, Schmitt trigger and four out-
put options. The TTL/LSTTL compatible output can drive
up to ten TTL loads over supply currents from 4.5 to 16.0
Volts. The devices are marked with a color stripe for
easy identification.
Package Dimensions
0.25
0.51
4.38
4.62
GND
Vcc
ø
Vout
1.45
1.71
2.34
2.74
1.17
1.37
0.52
0.76
12.7
MIN
1.14
1.40
4.35
5.85
2.15
2.35
1.39
1.65
5
° TYP ON ALL SIDES
0.67
0.77
Note:
1. Dimensions for all drawings are in millimeters.
Part Number Definitions
Color Code
QSE256
Totem-Pole, buffer output
Red
QSE257
Totem-Pole, inverter output
Yellow
QSE258
Open-collector, buffer output
Green
QSE259
Open-collector, inverter output
Blue
Input/Output Table
Part Number
Light
Output
QSE256
On
HIGH
Off
LOW
QSE257
On
LOW
Off
HIGH
QSE258
On
HIGH
Off
LOW
QSE259
On
LOW
Off
HIGH


Similar Part No. - QSE258

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSE213 FAIRCHILD-QSE213 Datasheet
314Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE213 FAIRCHILD-QSE213 Datasheet
80Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213C FAIRCHILD-QSE213C Datasheet
437Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213 FAIRCHILD-QSE213_05 Datasheet
80Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE214 FAIRCHILD-QSE214 Datasheet
314Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
More results

Similar Description - QSE258

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSE156 FAIRCHILD-QSE156_04 Datasheet
532Kb / 7P
   PLASTIC SILICON OPTOLOGIC PHOTOSENSOR
QSE156 FAIRCHILD-QSE156_08 Datasheet
222Kb / 7P
   Plastic Silicon OPTOLOGIC Photosensor
QSE156 FAIRCHILD-QSE156 Datasheet
284Kb / 5P
   OPTOLOGIC?
logo
QT Optoelectronics
QSA156 QT-QSA156 Datasheet
259Kb / 4P
   OPTOLOGIC
QSE156 QT-QSE156 Datasheet
262Kb / 4P
   OPTOLOGIC
logo
Fairchild Semiconductor
QSA156 FAIRCHILD-QSA156 Datasheet
282Kb / 5P
   OPTOLOGIC?
H22L FAIRCHILD-H22L_04 Datasheet
200Kb / 6P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
322Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00120 FAIRCHILD-QVE00120 Datasheet
146Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21L FAIRCHILD-H21L Datasheet
303Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com