Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-80-0503 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 15-80-0503
Description  2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 50 Circuits, 0.38關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

15-80-0503 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  15-80-0503 Datasheet HTML 1Page - Molex Electronics Ltd. 15-80-0503 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/26/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
15-80-0503
Status:
Active
Overview:
C-Grid® Products
Description:
2.54mm Pitch C-Grid® Header, Through Hole without Peg, Dual Row, Vertical,
Shrouded, High Temperature, 50 Circuits, 0.38µm Gold (Au) Selective Plating, Tin (Sn)
PC Tail Plating
Documents:
3D Model
Product Specification PS-70567 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70567
Application
Signal, Wire-to-Board
Overview
C-Grid® Products
Product Name
C-Grid®
UPC
800753952805
Physical
Breakaway
No
Circuits (Loaded)
50
Circuits (maximum)
50
Color - Resin
Black
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
8.173/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.30mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
2.40mm
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
0.381µm
Plating min - Termination
1.905µm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70567Series
Mates With
70450 Crimp Housing


Similar Part No. - 15-80-0503

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-80-0501 MOLEX2-15-80-0501 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 50 Circuits, Tin (Sn) Plating
15-80-0501 MOLEX2-15-80-0501 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 6 Circuits, Tin (Sn) Plating
15-80-0501 MOLEX11-15-80-0501 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 50 Circuits, Tin (Sn) Plating
15-80-0505 MOLEX2-15-80-0505 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 50 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
15-80-0505 MOLEX11-15-80-0505 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 50 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
More results

Similar Description - 15-80-0503

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-80-0283 MOLEX11-15-80-0283 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 28 Circuits, 0.38關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0403 MOLEX11-15-80-0403 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 40 Circuits, 0.38關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0463 MOLEX11-15-80-0463 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 46 Circuits, 0.38關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0303 MOLEX11-15-80-0303 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 30 Circuits, 0.38關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0363 MOLEX11-15-80-0363 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 36 Circuits, 0.38關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0243 MOLEX11-15-80-0243 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 24 Circuits, 0.38關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0663 MOLEX11-15-80-0663 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 66 Circuits, 0.38關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0223 MOLEX11-15-80-0223 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 22 Circuits, 0.38關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0263 MOLEX11-15-80-0263 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 26 Circuits, 0.38關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0323 MOLEX11-15-80-0323 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 32 Circuits, 0.38關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com