Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG2305P Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG2305P
Description  P-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2305P Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMG2305P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2305P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG2305P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG2305P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
SMG2305P
-4.5A , -20V , RDS(ON) 43 m
P-Channel Enhancement MOSFET
26-Jul-2013 Rev. C
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVE


Similar Part No. - SMG2305P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SMG2305P VBSEMI-SMG2305P Datasheet
496Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMG2305PE SECOS-SMG2305PE Datasheet
622Kb / 4P
   P-Channel Enhancement MOSFET
SMG2305PE SECOS-SMG2305PE Datasheet
622Kb / 4P
   P-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
SMG2305PE VBSEMI-SMG2305PE Datasheet
491Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMG2305PE SECOS-SMG2305PE_15 Datasheet
622Kb / 4P
   P-Channel Enhancement MOSFET
More results

Similar Description - SMG2305P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com