Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG2325 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG2325
Description  N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2325 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG2325 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2325 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG2325 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG2325 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SMG2325
0.45A , 250V , RDS(ON) 1.7Ω
N-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
15-Aug-2011 Rev. A
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
250
-
-
V
VGS=0, ID=250µA
Gate-Threshold Voltage
VGS(th)
1.5
-
3.5
V
VDS=VGS, ID=250µA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VGS=±20V
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=250V, VGS=0
Drain-Source On-Resistance
1
RDS(ON)
-
-
1.7
VGS=10V, ID=0.45A
-
-
1.9
VGS=4.5V, ID=0.35A
Diode Forward Voltage
1
VSD
-
-
1.2
V
IS=0.45A, VGS=0
Dynamic
Total Gate Charge
Qg
-
30
-
nC
VDS=200V,VGS=10V, ID=0.45A
Total Gate Charge
Qg
-
17
-
VDS=200V,
VGS=4.5V,
ID=0.45A
Gate-Source Charge
Qgs
-
3
-
Gate-Drain (‘‘Miller’’) Charge
Qgd
-
12
-
Turn-on Delay Time
1
Td(on)
-
19
-
nS
VDD=125V,
VGS=10V,
RG=6 ,
RL=125 ,
ID=0.45A
Rise Time
Tr
-
4
-
Turn-off Delay Time
Td(off)
-
48
-
Fall Time
Tf
-
13
-
Input Capacitance
Ciss
-
1170
-
pF
VGS=0,
VDS=15V,
f=1.0MHz
Output Capacitance
Coss
-
36
-
Reverse Transfer Capacitance
Crss
-
10
-
Notes:
1.
Surface mounted on a 1 inch2 FR-4 board with 2OZ copper. ;270°C /W when mounted on min. copper pad.
2.
The data tested by pulsed , pulse width
300us , duty cycle
2%
3.
The power dissipation is limited by 150°C juncti on temperature
4.
The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.


Similar Part No. - SMG2325

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2325P SECOS-SMG2325P Datasheet
627Kb / 4P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SMG2325P VBSEMI-SMG2325P Datasheet
478Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMG2325P SECOS-SMG2325P_15 Datasheet
627Kb / 4P
   P-Channel Enhancement Mode MOSFET
SMG2325 SECOS-SMG2325_15 Datasheet
390Kb / 4P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SMG2325

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com