Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-70567-0170 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # A-70567-0170
Description  2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 72 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-70567-0170 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  A-70567-0170 Datasheet HTML 1Page - Molex Electronics Ltd. A-70567-0170 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
245
Material Info
Old Part Number
A-70567-0170
Reference - Drawing Numbers
Product Specification
PS-70567
Sales Drawing
SDA-70567-****
This document was generated on 10/04/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - A-70567-0170

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-70567-0170 MOLEX2-A-70567-0170 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 72 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
A-70567-0170 MOLEX2-A-70567-0170 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 6 Circuits, Tin (Sn) Plating
More results

Similar Description - A-70567-0170

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-80-0723 MOLEX11-15-80-0723 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 72 Circuits, 0.38關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0265 MOLEX11-15-80-0265 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 26 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0605 MOLEX11-15-80-0605 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 60 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0445 MOLEX11-15-80-0445 Datasheet
51Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 44 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0345 MOLEX11-15-80-0345 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 34 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0305 MOLEX11-15-80-0305 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 30 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0325 MOLEX11-15-80-0325 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 32 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0245 MOLEX11-15-80-0245 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 24 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0525 MOLEX11-15-80-0525 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 52 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0365 MOLEX11-15-80-0365 Datasheet
40Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 36 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com