Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F30NSRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74F30NSRG4
Description  8-INPUT POSITIVE-NAND GATES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F30NSRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74F30NSRG4 Datasheet HTML 1Page - Texas Instruments SN74F30NSRG4 Datasheet HTML 2Page - Texas Instruments SN74F30NSRG4 Datasheet HTML 3Page - Texas Instruments SN74F30NSRG4 Datasheet HTML 4Page - Texas Instruments SN74F30NSRG4 Datasheet HTML 5Page - Texas Instruments SN74F30NSRG4 Datasheet HTML 6Page - Texas Instruments SN74F30NSRG4 Datasheet HTML 7Page - Texas Instruments SN74F30NSRG4 Datasheet HTML 8Page - Texas Instruments SN74F30NSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN54F30, SN74F30
8-INPUT POSITIVE-NAND GATES
SDFS043A – MARCH 1987 – REVISED OCTOBER 1993
2–2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 1.2 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range
– 30 mA to 5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state
– 0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: SN54F30
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74F30
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input voltage ratings may be exceeded provided the input current ratings are observed.
recommended operating conditions
SN54F30
SN74F30
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
–18
–18
mA
IOH
High-level output current
–1
–1
mA
IOL
Low-level output current
20
20
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54F30
SN74F30
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VOH
VCC = 4.5 V,
IOH = – 1 mA
2.5
3.4
2.5
3.4
V
VOH
VCC = 4.75 V,
IOH = – 1 mA
2.7
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.3
0.5
0.3
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
– 0.6
– 0.6
mA
IOS§
VCC = 5.5 V,
VO = 0
–60
–150
–60
–150
mA
ICCH
VCC = 5.5 V,
VI = 0
0.7
1.5
0.7
1.5
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
2.2
4
2.2
4
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.


Similar Part No. - SN74F30NSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F30N TI-SN74F30N Datasheet
68Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74F30NSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F30 TI-SN54F30 Datasheet
68Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54AC11030 TI1-54AC11030_09 Datasheet
81Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_07 Datasheet
574Kb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN5430 TI-SN5430 Datasheet
621Kb / 15P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54ACT11030 TI1-54ACT11030_12 Datasheet
393Kb / 7P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54ACT11030 TI-54ACT11030 Datasheet
63Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
REVISED APRIL 1993
SN54ALS30A TI-SN54ALS30A Datasheet
94Kb / 6P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_08 Datasheet
695Kb / 18P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A_18 Datasheet
1Mb / 21P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com