Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS26 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SS26
Description  2 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS26 Datasheet(HTML) 1 Page - Micro Commercial Components

  SS26 Datasheet HTML 1Page - Micro Commercial Components SS26 Datasheet HTML 2Page - Micro Commercial Components SS26 Datasheet HTML 3Page - Micro Commercial Components SS26 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS22
THRU
SS210
2 Amp Schottky
Rectifier
20 to 100 Volts
Features
Low Forward Voltage
Low Forward Voltage
Guard Ring Protection
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance
: RthjL-15
°C/W; Rthja-
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SS22
SS22
20V
14V
20V
SS23
SS23
30V
21V
30V
SS24
SS24
40V
28V
40V
SS25
SS25
50V
35V
50V
SS26
SS26
60V
42V
60V
SS28
SS28
80V
56V
80V
SS210
SS210
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TJ = 100
°C
0.5mA
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
TJ = 25
°C
Typical Junction
Capacitance
SS22
SS23-SS210
CJ
230pF
50pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
Maximum
Instantaneous
Forward Voltage
SS22-SS24
SS25-SS26
SS28-SS210
VF
.55V
.70V
.85V
IFM = 2.0A;
TJ = 25
°C*
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
DO-214AC
(SMA) (High Profile)
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.067
.089
1.70
2.25
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.035
.055
.89
1.40
F
.065
.09
6
1.65
2.
45
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.100
.112
2.57
2.84
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
C
20
11/11/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1.
High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
73
°C/W
NOT RECOMMENDED FOR NEW DESIGNS
USE SS22-LTP~SS210-LTP SERIES


Similar Part No. - SS26

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SS26 FORMOSA-SS26 Datasheet
117Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SS26 ZOWIE-SS26 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SS26 YIXIN-SS26 Datasheet
112Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
SS26 DSK-SS26 Datasheet
196Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
SS26 YANGJIE-SS26 Datasheet
739Kb / 2P
   2.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS26

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS22 MCC-SS22_11 Datasheet
215Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK22B LEIDITECH-SK22B Datasheet
613Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK26-TP MCC-SK26-TP Datasheet
284Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK22 LEIDITECH-SK22 Datasheet
618Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK22 MCC-SK22 Datasheet
625Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
SK23-TP MCC-SK23-TP Datasheet
284Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
SK22 MCC-SK22_11 Datasheet
275Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Daya Electric Group Co....
SS22 DAYA-SS22 Datasheet
387Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SS28-TP MCC-SS28-TP Datasheet
223Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Daya Electric Group Co....
SK22 DAYA-SK22 Datasheet
388Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com