Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNB6538 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DNB6538
Description  Recifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DNB6538 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DNB6538 Datasheet HTML 1Page - Dynex Semiconductor DNB6538 Datasheet HTML 2Page - Dynex Semiconductor DNB6538 Datasheet HTML 3Page - Dynex Semiconductor DNB6538 Datasheet HTML 4Page - Dynex Semiconductor DNB6538 Datasheet HTML 5Page - Dynex Semiconductor DNB6538 Datasheet HTML 6Page - Dynex Semiconductor DNB6538 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
www.dynexsemi.com
DNB65
Fig.5 Maximum (limit) transient thermal impedance -
junction to case
Fig.4 Surge (non-repetitive) forward current vs time
at T
case
150˚C)
110
1
2
3
5
10
20
50
0
10
20
30
40
50
60
ms
Cycles at 50Hz
Duration
I2t = Î2 x t
2
1
2
3
4
5
6
I2t
VR = 0
VR = 50% VRRM
10
1
0.1
0.01
0.001
Time - (s)
0.1
0.01
0.001
0.0001
Double side cooled
Anode side cooled
100
Conduction
d.c.
Halfwave
3 phase 120˚
6 phase 60˚
Effective thermal resistance
Junction to case ˚C/W
Double side
0.0130
0.0141
0.0170
0.0200
Anode side
0.0210
0.0221
0.0250
0.0280


Similar Part No. - DNB6538

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DNB61 DYNEX-DNB61 Datasheet
90Kb / 7P
   Rectifier Diode
DNB6116 DYNEX-DNB6116 Datasheet
90Kb / 7P
   Rectifier Diode
DNB6118 DYNEX-DNB6118 Datasheet
90Kb / 7P
   Rectifier Diode
DNB6120 DYNEX-DNB6120 Datasheet
90Kb / 7P
   Rectifier Diode
DNB6122 DYNEX-DNB6122 Datasheet
90Kb / 7P
   Rectifier Diode
More results

Similar Description - DNB6538

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TRB65 TRSYS-TRB65 Datasheet
303Kb / 6P
   RECIFIER DIODE
logo
International Rectifier
MBR6045WT IRF-MBR6045WT Datasheet
56Kb / 2P
   SCHOTTKY RECIFIER
logo
Nanjing International G...
MBR3020CT DGNJDZ-MBR3020CT Datasheet
117Kb / 2P
   SCHOTTKY BARRIER RECIFIER
logo
RFE international
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
   Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
logo
Microsemi Corporation
SBR12040R MICROSEMI-SBR12040R Datasheet
135Kb / 2P
   120 Amp Schotky Recifier
logo
Jinan Jingheng (Group) ...
GF10A JINANJINGHENG-GF10A Datasheet
85Kb / 2P
   Surface Mount Glass Passivated Recifier
S1A JINANJINGHENG-S1A Datasheet
64Kb / 2P
   Surface Mount Glass Passivated Recifier
logo
RFE international
MUR1060FCT RFE-MUR1060FCT Datasheet
2Mb / 3P
   Ultra-Fast Recovery Recifier Diodes MUR1060FCT
08-22-2020
MUR30120P RFE-MUR30120P Datasheet
2Mb / 3P
   Ultra-Fast Recovery Recifier Diodes MUR30120P
02-11-2020
logo
Solid States Devices, I...
SHA2604R SSDI-SHA2604R Datasheet
199Kb / 2P
   ULTRA FAST RECOVERY COMMON ANODE CENTERTAP RECIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com