Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKZE350E331MJ16S Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # EKZE350E331MJ16S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

EKZE350E331MJ16S Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  EKZE350E331MJ16S Datasheet HTML 1Page - Nippon Precision Circuits Inc EKZE350E331MJ16S Datasheet HTML 2Page - Nippon Precision Circuits Inc EKZE350E331MJ16S Datasheet HTML 3Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Low impedance, 105
KZE
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Case size
φD
×L(mm)
Impedance
(
Ωmax/100kHz)
Rated
ripple
current
(mArms/
105
℃,
100kHz)
Part No.
20
-10
100
WV
(Vdc)
Cap
(µF)
Case size
φD
×L(mm)
Impedance
(
Ωmax/100kHz)
Rated
ripple
current
(mArms/
105
℃,
100kHz)
Part No.
20
-10
63
80
1,200
18
×31.5
0.020
0.060
3,300
EKZE630E□□122MMN3S
1,500
18
×35.5 0.018
0.054
3,400
EKZE630E□□152MMP1S
1,800
18
×40
0.017
0.051
3,500
EKZE630E□□182MM40S
68
10
×12.5 0.17
0.66
480
EKZE800E□□680MJC5S
100
10
×16
0.11
0.47
600
EKZE800E□□101MJ16S
120
10
×20
0.084
0.34
800
EKZE800E□□121MJ20S
150
10
×25
0.069
0.28
900
EKZE800E□□151MJ25S
150
12.5
×16
0.11
0.34
750
EKZE800E□□151MK16S
220
12.5
×20
0.062
0.18
1,100
EKZE800E□□221MK20S
330
12.5
×25
0.047
0.14
1,250
EKZE800E□□331MK25S
330
16
×20
0.048
0.15
1,350
EKZE800E□□331ML20S
390
12.5
×30
0.042
0.13
1,500
EKZE800E□□391MK30S
470
12.5
×35
0.036
0.11
1,650
EKZE800E□□471MK35S
470
16
×25
0.038
0.12
1,700
EKZE800E□□471ML25S
470
18
×20
0.045
0.14
1,500
EKZE800E□□471MM20S
560
12.5
×40
0.032
0.095
1,800
EKZE800E□□561MK40S
680
16
×31.5 0.032
0.095
1,850
EKZE800E□□681MLN3S
680
18
×25
0.036
0.11
1,750
EKZE800E□□681MM25S
820
16
×35.5 0.029
0.086
2,000
EKZE800E□□821MLP1S
820
18
×31.5 0.030
0.090
1,900
EKZE800E□□821MMN3S
1,000
16
×40
0.027
0.081
2,200
EKZE800E□□102ML40S
1,000
18
×35.5
0.027
0.081
2,200
EKZE800E□□102MMP1S
1,200
18
×40
0.026
0.077
2,700
EKZE800E□□122MM40S
 
15
27
39
47
56
68
82
100
120
150
220
220
270
330
330
330
390
470
470
560
560
680
680
820
5
×11
6.3
×11
8
×11.5
8
×15
10
×12.5
8
×20
10
×16
10
×20
12.5
×16
10
×25
12.5
×20
12.5
×25
16
×20
12.5
×30
12.5
×35
16
×25
18
×20
12.5
×40
16
×31.5
18
×25
16
×35.5
18
×31.5
16
×40
18
×35.5
18
×40
1.4
5.6
125
EKZE101E□□6R8ME11D
0.57
2.3
205
EKZE101E□□150MF11D
0.36
1.4
355
EKZE101E□□270MHB5D
0.25
1.0
450
EKZE101E□□390MH15D
0.17
0.66
480
EKZE101E□□470MJC5S
0.19
0.76
565
EKZE101E□□560MH20D
0.11
0.47
600
EKZE101E□□680MJ16S
0.084
0.34
800
EKZE101E□□820MJ20S
0.11
0.34
750
EKZE101E□□101MK16S
0.069
0.28
900
EKZE101E□□121MJ25S
0.062
0.18
1,100
EKZE101E□□151MK20S
0.047
0.14
1,250
EKZE101E□□221MK25S
0.048
0.15
1,350
EKZE101E□□221ML20S
0.042
0.13
1,500
EKZE101E□□271MK30S
0.036
0.11
1,650
EKZE101E□□331MK35S
0.038
0.12
1,700
EKZE101E□□331ML25S
0.045
0.14
1,500
EKZE101E□□331MM20S
0.032
0.095
1,800
EKZE101E□□391MK40S
0.032
0.095
1,850
EKZE101E□□471MLN3S
0.036
0.11
1,750
EKZE101E□□471MM25S
0.029
0.086
2,000
EKZE101E□□561MLP1S
0.030
0.090
1,900
EKZE101E□□561MMN3S
0.027
0.081
2,200
EKZE101E□□681ML40S
0.027
0.081
2,200
EKZE101E□□681MMP1S
0.026
0.077
2,700
EKZE101E□□821MM40S
6.8
□□ : Enter the appropriate lead forming or taping code.
◆RATED RIPPLE CURRENT MULTIPLIERS
120
0.40
0.50
0.60
0.75
0.85
1k
0.75
0.85
0.87
0.90
0.95
10k
0.90
0.94
0.95
0.95
0.98
100k
1.00
1.00
1.00
1.00
1.00
Capacitance(
µF)
Frequency (Hz)
6.8 to 180
220 to 560
680 to 1,800
2,200 to 3,900
4,700 to
120
0.42
0.50
1k
0.70
0.73
10k
0.90
0.92
100k
1.00
1.00
Capacitance(
µF)
Frequency (Hz)
10 to 33
39 to 220
Frequency Multipliers
11L to 40L
7L
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
146
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKZE350E331MJ16S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EKZE350ELL122MK30S ETC-EKZE350ELL122MK30S Datasheet
473Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKZE350ELL221MH15D ETC2-EKZE350ELL221MH15D Datasheet
67Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Fairchild Semiconductor
EKZE350ELL221MH15D FAIRCHILD-EKZE350ELL221MH15D Datasheet
1Mb / 28P
   FEBSPM3SPM45-M01MTCA Motion SPM3 45H Evaluation Board
logo
United Chemi-Con, Inc.
EKZE350ELL221MJC5S CHEMI-CON-EKZE350ELL221MJC5S Datasheet
70Kb / 3P
   Low impedance, 105C
EKZE350ESS102MK25S CHEMI-CON-EKZE350ESS102MK25S Datasheet
63Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKZE350E331MJ16S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com