Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEV157M016A9HAA Datasheet(PDF) 10 Page - Kemet Corporation

Part # EEV157M016A9HAA
Description  Surface Mount Aluminum Electrolytic Capacitors EEV Series, 105쨘C
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EEV157M016A9HAA Datasheet(HTML) 10 Page - Kemet Corporation

Back Button EEV157M016A9HAA Datasheet HTML 6Page - Kemet Corporation EEV157M016A9HAA Datasheet HTML 7Page - Kemet Corporation EEV157M016A9HAA Datasheet HTML 8Page - Kemet Corporation EEV157M016A9HAA Datasheet HTML 9Page - Kemet Corporation EEV157M016A9HAA Datasheet HTML 10Page - Kemet Corporation EEV157M016A9HAA Datasheet HTML 11Page - Kemet Corporation EEV157M016A9HAA Datasheet HTML 12Page - Kemet Corporation EEV157M016A9HAA Datasheet HTML 13Page - Kemet Corporation EEV157M016A9HAA Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4002_EEV • 2/21/2014
Surface Mount Aluminum Electrolytic Capacitors – EEV Series, +105ºC
Therelationshipbetweentheleakagecurrentandvoltageappliedatconstanttemperaturecanbeshownschematicallyasfollows:
I
V
R
V
F
V
V
S
Where:
V
F = Forming voltage
Ifthislevelisexceeded,alargequantityofheatandgaswillbegeneratedandthecapacitorcouldbedamaged.
V
R = Rated voltage
Thislevelrepresentsthetopofthelinearpartofthecurve.
V
S = Surge voltage
ThisliesbetweenV
R and VF.ThecapacitorcanbesubjectedtoVSforshortperiodsonly.
Electrolyticcapacitorsaresubjectedtoareformingprocessbeforeacceptancetesting.Thepurposeofthispreconditioningistoensure
thatthesameinitialconditionsaremaintainedwhencomparingdifferentproducts.
Ripple Current (RC)
Themaximumripplecurrentvaluedependson:
• Ambient temperature
•Surfaceareaofthecapacitor(heatdissipationarea)
tanδorESR
• Frequency
Thecapacitor’slifedependsonthethermalstress.
Frequency Dependence of the Ripple Current
ESRand,thus,thetanδdependonthefrequencyoftheappliedvoltage.Thisindicatesthattheallowedripplecurrentisalsoafunction
ofthefrequency.
Temperature Dependence of the Ripple Current
Thedatasheetspecifiesmaximumripplecurrentattheuppercategorytemperatureforeachcapacitor.


Similar Part No. - EEV157M016A9HAA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EEV107M035S9HAA KEMET-EEV107M035S9HAA Datasheet
268Kb / 1P
   EEV, Aluminum Electrolytic, 100 uF, 20%, 35 VDC, -55/105°C
10/20/2022
EEV107M063A9PAA KEMET-EEV107M063A9PAA Datasheet
267Kb / 1P
   EEV, Aluminum Electrolytic, 100 uF, 20%, 63 VDC, -55/105°C
10/20/2022
More results

Similar Description - EEV157M016A9HAA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com