Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEV226M035A9DAA Datasheet(PDF) 2 Page - Kemet Corporation

Part # EEV226M035A9DAA
Description  Surface Mount Aluminum Electrolytic Capacitors EEV Series, 105쨘C
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EEV226M035A9DAA Datasheet(HTML) 2 Page - Kemet Corporation

  EEV226M035A9DAA Datasheet HTML 1Page - Kemet Corporation EEV226M035A9DAA Datasheet HTML 2Page - Kemet Corporation EEV226M035A9DAA Datasheet HTML 3Page - Kemet Corporation EEV226M035A9DAA Datasheet HTML 4Page - Kemet Corporation EEV226M035A9DAA Datasheet HTML 5Page - Kemet Corporation EEV226M035A9DAA Datasheet HTML 6Page - Kemet Corporation EEV226M035A9DAA Datasheet HTML 7Page - Kemet Corporation EEV226M035A9DAA Datasheet HTML 8Page - Kemet Corporation EEV226M035A9DAA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4002_EEV • 2/21/2014
Surface Mount Aluminum Electrolytic Capacitors – EEV Series, +105ºC
Dimensions – Millimeters
F
G
Size Code
D
L
A/B
C
E
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
9B
4
±0.5
5.4
+0.25/-0.1
4.3
±0.2
5.5
Maximum
1.8
±0.2
9D
5
±0.5
5.4
+0.25/-0.1
5.3
±0.2
6.5
Maximum
2.2
±0.2
9G
6.3
±0.5
5.4
+0.25/-0.1
6.6
±0.2
7.8
Maximum
2.6
±0.2
9H
6.3
±0.5
7.7
±0.3
6.6
±0.2
7.8
Maximum
2.6
±0.2
9L
8
±0.5
6.2
±0.3
8.3
±0.2
9.5
Maximum
3.4
±0.2
9M
8
±0.5
10.2
±0.3
8.3
±0.2
10
Maximum
3.4
±0.2
9P
10
±0.5
10.2
±0.3
10.3
±0.2
13
Maximum
3.5
±0.2
Size Code
F
G
P
W
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
9B
0.3
Maximum
0.35
+0.15/-0.2
1.0
±0.2
0.65
±0.1
9D
0.3
Maximum
0.35
+0.15/-0.2
1.5
±0.2
0.65
±0.1
9G
0.3
Maximum
0.35
+0.15/-0.2
1.8
±0.2
0.65
±0.1
9H
0.3
Maximum
0.35
+0.15/-0.2
1.8
±0.2
0.65
±0.1
9L
0.3
Maximum
0.35
+0.15/-0.2
2.2
±0.2
0.65
±0.1
9M
0.3
Maximum
0.70
±0.2
3.1
±0.2
0.9
±0.2
9P
0.3
Maximum
0.70
±0.2
4.6
±0.2
0.9
±0.2


Similar Part No. - EEV226M035A9DAA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EEV226M035S9DAA KEMET-EEV226M035S9DAA Datasheet
268Kb / 1P
   EEV, Aluminum Electrolytic, 22 uF, 20%, 35 VDC, -55/105°C
10/20/2022
More results

Similar Description - EEV226M035A9DAA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com