Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK95Y103V Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TK95Y103V
Description  Thermometrics Thermistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TK95Y103V Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TK95Y103V Datasheet HTML 1Page - List of Unclassifed Manufacturers TK95Y103V Datasheet HTML 2Page - List of Unclassifed Manufacturers TK95Y103V Datasheet HTML 3Page - List of Unclassifed Manufacturers TK95Y103V Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
920-273C
© 2011 General Electric Company. All Rights Reserved. Specifications are subject to change without notice. GE is a registered trademark of General Electric Company. Other company or product
names mentioned in this document may be trademarks or registered trademarks of their respective companies, which are not affiliated with GE.
www.ge-mcs.com
Type TK95 Specifications
Insulated Lead NTC Interchangeable
Thermistor Chip
Epoxy-coated, NTC interchangeable thermistor chips
with PTFE insulated nickel lead-wires.
Options
Consult Factory for Availability of Options
• Other resistance values in the range of
1000 Ω to 100 kΩ
• Other tolerances or ranges
• Alternative lead wires or lengths
• Non standard R vs T curves
• Controlled dimensions
• Special sensor assemblies or enclosures
Thermal and Electrical Properties
Dissipation Constant
Still air:
1 mW/°C
Stirred oil:
8 mW/°C
Thermal Time Constant
Still air:
10 seconds
Stirred oil:
1 second
Maximum Power at 77°F (25°C)
75 mW
De-rated from 100% at 77°F (25°C) to 0% at 212°F (100°C)
Ø 0.01 in
(0.25 mm)
±0.001
Ø 0.025 in
(0.65 mm)
maximum
0.27 in
(7 mm)
maximum
Ø 0.094 in
(2.4 mm)
maximum
Ø 0.094 in
(2.4 mm)
maximum
Ordering Information
Select appropriate part number below for resistance and
temperature tolerance desired.
R25°C
Material
System
S 32°F to 158°F
(0°C to 70°C)
±0.18°F (±0.1°C)
32°F to 158°F
(0°C to 70°C)
±0.36°F (±0.2°C)
32°F to 212°F
(0 to 100°C)
±0.36°F (±0.2°C)
2000
F
TK95F202V
TK95F202W
TK95F202Z
2252
F
TK95F232V
TK95F232W
TK95F232Z
3000
F
TK95F302V
TK95F302W
TK95F302Z
5000
F
TK95F502V
TK95F502W
TK95F502Z
10000
F
TK95F103V
TK95F103W
TK95F103Z
10000
Y
TK95Y103V
TK95Y103W
TK95Y103Z
30000
H
TK95H303V
TK95H303W
TK95H303Z
50000
G
TK95G503V
TK95G503W
TK95G503Z
100000 G
TK95G104V
TK95G104W
TK95G104Z
NTC Interchangeable Type TK95 dimensions
0.195 in (5 mm) ±0.04
3 in (76 mm)


Similar Part No. - TK95Y103V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TK95Y103V ETC1-TK95Y103V Datasheet
119Kb / 1P
   INSULATED LEAD INTERCHANGEABLE CHIP THERMISTOR
logo
Amphenol Corporation
TK95Y103V AMPHENOL-TK95Y103V Datasheet
127Kb / 4P
   Precision, solid state temperature sensor
More results

Similar Description - TK95Y103V

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
   Thermometrics Thermistors
YQS5838PTF AMPHENOL-YQS5838PTF Datasheet
194Kb / 2P
   Thermometrics PTC Thermistors
YQS9122 AMPHENOL-YQS9122 Datasheet
109Kb / 2P
   Thermometrics PTC Thermistors
YQS5893PT0 AMPHENOL-YQS5893PT0 Datasheet
194Kb / 2P
   Thermometrics PTC Thermistors
YM120C15N182 AMPHENOL-YM120C15N182 Datasheet
114Kb / 2P
   Thermometrics PTC Thermistors
logo
General Semiconductor
03006-111.3K-123-G100 GE-03006-111.3K-123-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-5818-97-G100 GE-03006-5818-97-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-29.1K-97-G100 GE-03006-29.1K-97-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-11.7K-98-G100 GE-03006-11.7K-98-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-269.8K-138-G100 GE-03006-269.8K-138-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com