Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7006SL Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7006SL
Description  HIGH-SPEED HIGH-SPEED STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7006SL Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7006SL Datasheet HTML 1Page - Integrated Device Technology IDT7006SL Datasheet HTML 2Page - Integrated Device Technology IDT7006SL Datasheet HTML 3Page - Integrated Device Technology IDT7006SL Datasheet HTML 4Page - Integrated Device Technology IDT7006SL Datasheet HTML 5Page - Integrated Device Technology IDT7006SL Datasheet HTML 6Page - Integrated Device Technology IDT7006SL Datasheet HTML 7Page - Integrated Device Technology IDT7006SL Datasheet HTML 8Page - Integrated Device Technology IDT7006SL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
OCTOBER 2008
1
©2008 Integrated Device Technology, Inc.
DSC- 2739/16
IDT7006S/L
HIGH-SPEED
16K x 8 DUAL-PORT
STATIC RAM
Features
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
High-speed access
– Military: 20/25/35/55/70ns (max.)
– Industrial: 55ns (max.)
– Commercial: 15/17/20/25/35/55ns (max.)
Low-power operation
– IDT7006S
Active: 750mW (typ.)
Standby: 5mW (typ.)
– IDT7006L
Active: 700mW (typ.)
Standby: 1mW (typ.)
IDT7006 easily expands data bus width to 16 bits or more
using the Master/Slave select when cascading more than
one device
M/
S = H for BUSY output flag on Master,
M/
S = L for BUSY input on Slave
Busy and Interrupt Flags
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
Devices are capable of withstanding greater than 2001V
electrostatic discharge
Battery backup operation—2V data retention
TTL-compatible, single 5V (±10%) power supply
Available in 68-pin PGA, quad flatpack, PLCC, and a 64-pin
TQFP
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Green parts available, see ordering information
Functional Block Diagram
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
CEL
OEL
BUSYL
A13L
A0L
2739 drw 01
I/O0L-I/O7L
CEL
OEL
R/
WL
SEML
INTL
M/S
BUSYR
I/O0R-I/O7R
A13R
A0R
SEMR
INTR
CER
OER
(2)
(1,2)
(1,2)
(2)
R/
WR
CER
OER
R/
WR
14
14
NOTES:
1. (MASTER):
BUSY is output; (SLAVE): BUSY is input.
2.
BUSY outputs and INT outputs are non-tri-stated push-pull.


Similar Part No. - IDT7006SL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT7006S15F IDT-IDT7006S15F Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT7006S15FB IDT-IDT7006S15FB Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT7006S15G IDT-IDT7006S15G Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7006SL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V25L15PFG IDT-IDT70V25L15PFG Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V STATIC RAM
logo
Integrated Silicon Solu...
IS64C6416 ISSI-IS64C6416 Datasheet
56Kb / 12P
   high-speed, 1,048,576-bit static RAM
logo
White Electronic Design...
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
EDI8L32128V WEDC-EDI8L32128V Datasheet
190Kb / 7P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
logo
Samsung semiconductor
KM684000L SAMSUNG-KM684000L Datasheet
330Kb / 7P
   512Kx8 BIT HIGH HIGH SPEED CMOS STATIC RAM
logo
Sony Corporation
CXK77B3611AGB- SONY-CXK77B3611AGB- Datasheet
81Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
logo
Mosel Vitelic, Corp
V61C5181024 MOSEL-V61C5181024 Datasheet
61Kb / 12P
   128K X 8 HIGH SPEED STATIC RAM
logo
Integrated Device Techn...
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com