Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S32200L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IS42S32200L
Description  512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IS42S32200L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IS42S32200L Datasheet HTML 1Page - List of Unclassifed Manufacturers IS42S32200L Datasheet HTML 2Page - List of Unclassifed Manufacturers IS42S32200L Datasheet HTML 3Page - List of Unclassifed Manufacturers IS42S32200L Datasheet HTML 4Page - List of Unclassifed Manufacturers IS42S32200L Datasheet HTML 5Page - List of Unclassifed Manufacturers IS42S32200L Datasheet HTML 6Page - List of Unclassifed Manufacturers IS42S32200L Datasheet HTML 7Page - List of Unclassifed Manufacturers IS42S32200L Datasheet HTML 8Page - List of Unclassifed Manufacturers IS42S32200L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev.A
10/17/2012
IS42S32200L
IS45S32200L
Copyright © 2011 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without
notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the lat-
est version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be ex-
pected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Integrated Silicon
Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
FEATURES
• Clockfrequency:200,166,143,133MHz
• Fullysynchronous;allsignalsreferencedtoa
positive clock edge
• Internalbankforhidingrowaccess/precharge
• Single3.3Vpowersupply
• LVTTLinterface
• Programmableburstlength:
(1,2,4,8,fullpage)
• Programmableburstsequence:
Sequential/Interleave
• Selfrefreshmodes
• 4096refreshcyclesevery16ms(A2grade)or
64ms(Commercia,Industrial,A1grade)
• Randomcolumnaddresseveryclockcycle
• ProgrammableCASlatency(2,3clocks)
• Burstread/writeandburstread/singlewrite
operations capability
• Burstterminationbyburststopandprecharge
command
OPTIONS
• Packages:
86-pinTSOP-II
90-ballTF-BGA
• Operatingtemperaturerange:
Commercial (0oC to + 70oC)
Industrial(-40oCto+85oC)
AutomotiveGrade,A1(-40oCto+85oC)
AutomotiveGrade,A2:(-40oCto+105oC)
OVERVIEW
ISSI's 64Mb Synchronous DRAM IS42/45S32200L is
organizedas524,288bitsx32-bitx4-bankforimproved
performance.ThesynchronousDRAMsachievehigh-speed
data transfer using pipeline architecture. All inputs and
outputs signals refer to the rising edge of the clock input.
512K Bits x 32 Bits x 4 Banks (64-MBIT)
SYNCHRONOUS DYNAMIC RAM
OCTOBER 2012
KEY TIMING PARAMETERS
Parameter
-5
-6
-7
Unit
ClkCycleTime
CAS
Latency=3
5
6
7
ns
CAS
Latency=2
7.5 7.5
7.5
ns
ClkFrequency
CAS
Latency=3
200 166 143
Mhz
CAS
Latency=2
133 133 133
Mhz
AccessTimefromClock
CAS
Latency=3
4.8 5.4
5.4
ns
CAS
Latency=2
5.4 5.4
5.4
ns


Similar Part No. - IS42S32200L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32200 ISSI-IS42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-6T ISSI-IS42S32200-6T Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-6TI ISSI-IS42S32200-6TI Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-7T ISSI-IS42S32200-7T Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-7TI ISSI-IS42S32200-7TI Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S32200L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32200B ISSI-IS42S32200B Datasheet
537Kb / 56P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200E ISSI-IS42S32200E Datasheet
981Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200C1 ISSI-IS42S32200C1 Datasheet
608Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S32200C1 ISSI-IS45S32200C1 Datasheet
607Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
42S32200 ISSI-42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com