Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1200ESM33 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # GP1200ESM33
Description  High Reliability Single Switch IGBT Module Advance Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP1200ESM33 Datasheet(HTML) 2 Page - Dynex Semiconductor

  GP1200ESM33 Datasheet HTML 1Page - Dynex Semiconductor GP1200ESM33 Datasheet HTML 2Page - Dynex Semiconductor GP1200ESM33 Datasheet HTML 3Page - Dynex Semiconductor GP1200ESM33 Datasheet HTML 4Page - Dynex Semiconductor GP1200ESM33 Datasheet HTML 5Page - Dynex Semiconductor GP1200ESM33 Datasheet HTML 6Page - Dynex Semiconductor GP1200ESM33 Datasheet HTML 7Page - Dynex Semiconductor GP1200ESM33 Datasheet HTML 8Page - Dynex Semiconductor GP1200ESM33 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GP1200ESM33
2/9
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
Test Conditions
Continuous dissipation -
junction to case
Continuous dissipation -
junction to case
Mounting torque 5Nm
(with mounting grease)
Transistor
Diode
-
Mounting - M6
Electrical connections - M4
Electrical connections - M8
Parameter
Thermal resistance - transistor
Thermal resistance - diode
Thermal resistance - case to heatsink (per module)
Junction temperature
Storage temperature range
Screw torque
THERMAL AND MECHANICAL RATINGS
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under 'Absolute Maximum Ratings' may cause permanent damage to the device. In extreme
conditions, as with all semiconductors, this may include potentially hazardous rupture of the package. Appropriate safety
precautions should always be followed. Exposure to Absolute Maximum Ratings may affect device reliability.
T
case = 25˚C unless stated otherwise
Symbol
V
CES
V
GES
I
C
I
C(PK)
P
max
V
isol
Test Conditions
V
GE = 0V
-
T
case = 80˚C
1ms, T
case = 120˚C
T
case = 25˚C, Tj = 150˚C
Commoned terminals to base plate. AC RMS, 1 min, 50Hz
Units
V
V
A
A
kW
V
Max.
3300
±20
1200
2400
14.7
6000
Parameter
Collector-emitter voltage
Gate-emitter voltage
Continuous collector current
Peak collector current
Max. transistor power dissipation
Isolation voltage
Symbol
R
th(j-c)
R
th(j-c)
R
th(c-h)
T
j
T
stg
-
Units
˚C/kW
˚C/kW
˚C/kW
˚C
˚C
˚C
Nm
Nm
Nm
Max.
8.5
16.3
4
125
125
125
5
2
10
Min.
-
-
-
-
-
–40
-
-
-


Similar Part No. - GP1200ESM33

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
GP1200 DEC-GP1200 Datasheet
428Kb / 2P
   HIGH VOLTAGE DIODE RECTIFIERS
logo
Dynex Semiconductor
GP1200FSM18 DYNEX-GP1200FSM18 Datasheet
125Kb / 9P
   Hi-Reliability Single Switch IGBT Module
GP1200FSS18 DYNEX-GP1200FSS18 Datasheet
132Kb / 10P
   Single Switch IGBT Module
More results

Similar Description - GP1200ESM33

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP1600FSM12 DYNEX-GP1600FSM12 Datasheet
139Kb / 10P
   Single Switch IGBT Module Advance Information
GP800DDM12 DYNEX-GP800DDM12 Datasheet
114Kb / 11P
   Hi-Reliability Dual Switch IGBT Module Advance Information
GP800DDM18 DYNEX-GP800DDM18 Datasheet
144Kb / 10P
   Hi-Reliability Dual Switch IGBT Module Advance Information
GP400DDM12 DYNEX-GP400DDM12 Datasheet
129Kb / 9P
   Dual Switch IGBT Module Advance Information
GP1600FSS12 DYNEX-GP1600FSS12 Datasheet
88Kb / 11P
   Powerline N-Channel Single Switch IGBT Module Advance Information
GP401DDM18 DYNEX-GP401DDM18 Datasheet
95Kb / 7P
   Hi-Reliability Dual Switch Low VCE(SAT) IGBT Module Advance Information
GP800NSM33 DYNEX-GP800NSM33 Datasheet
93Kb / 9P
   Hi-Reliability Single Switch IGBT Module Preliminary Information
DIM1200ESM33-A000 DYNEX-DIM1200ESM33-A000 Datasheet
194Kb / 10P
   Single Switch IGBT Module Preliminary Information
DIM800FSM17-A000 DYNEX-DIM800FSM17-A000 Datasheet
144Kb / 10P
   Single Switch IGBT Module Preliminary Information
DIM800NSM33-A000 DYNEX-DIM800NSM33-A000 Datasheet
174Kb / 10P
   Single Switch IGBT Module Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com