Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP200MLS12 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # GP200MLS12
Description  IGBT Chopper Module Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP200MLS12 Datasheet(HTML) 5 Page - Dynex Semiconductor

  GP200MLS12 Datasheet HTML 1Page - Dynex Semiconductor GP200MLS12 Datasheet HTML 2Page - Dynex Semiconductor GP200MLS12 Datasheet HTML 3Page - Dynex Semiconductor GP200MLS12 Datasheet HTML 4Page - Dynex Semiconductor GP200MLS12 Datasheet HTML 5Page - Dynex Semiconductor GP200MLS12 Datasheet HTML 6Page - Dynex Semiconductor GP200MLS12 Datasheet HTML 7Page - Dynex Semiconductor GP200MLS12 Datasheet HTML 8Page - Dynex Semiconductor GP200MLS12 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
GP200MLS12
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
5/10
www.dynexsemi.com
TYPICAL CHARACTERISTICS
Fig. 3 Typical output characteristics
Fig. 4 Typical output characteristics
Fig. 5 Typical turn-on energy vs collector current
0
50
100
150
300
350
400
0
1.0
2.0
3.0
4.0
5.0
Collector-emitter voltage, Vce - (V)
Vge = 20/15/12/10V
Common emitter
Tcase = 25˚C
250
200
0
50
100
150
300
350
400
0
1.0
2.0
3.0
4.0
5.0
Collector-emitter voltage, Vce - (V)
Vge = 20/15/12/10V
Common emitter
Tcase = 125˚C
250
200
0
200
50
Collector current, IC - (A)
0
40
Tj = 125˚C
VGE =
±15V
VCE = 600V
A: Rg = 10
B: Rg = 6.2
C: Rg = 4.7
A
B
C
50
60
10
20
30
100
150
Fig. 6 Typical turn-off energy vs collector current
0
200
50
100
Collector current, IC - (A)
0
5
15
50
Tj = 125˚C
VGE =
±15V
VCE = 600V
A: Rg = 10
B: Rg = 6.2
C: Rg = 4.7
A
B
C
20
25
30
35
40
45
150
10


Similar Part No. - GP200MLS12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP200MHS12 DYNEX-GP200MHS12 Datasheet
99Kb / 10P
   Half Bridge IGBT Module
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
   Half Bridge IGBT Module
GP200MKS12 DYNEX-GP200MKS12 Datasheet
126Kb / 10P
   IGBT Chopper Module Preliminary Information
More results

Similar Description - GP200MLS12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP200MKS12 DYNEX-GP200MKS12 Datasheet
126Kb / 10P
   IGBT Chopper Module Preliminary Information
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
   Dual Switch IGBT Module Preliminary Information
DIM200PHM33-A000 DYNEX-DIM200PHM33-A000 Datasheet
186Kb / 10P
   Half Bridge IGBT Module Preliminary Information
DIM1200ESM33-A000 DYNEX-DIM1200ESM33-A000 Datasheet
194Kb / 10P
   Single Switch IGBT Module Preliminary Information
DIM800FSM17-A000 DYNEX-DIM800FSM17-A000 Datasheet
144Kb / 10P
   Single Switch IGBT Module Preliminary Information
GP800NSS33 DYNEX-GP800NSS33 Datasheet
93Kb / 9P
   Single Switch IGBT Module Preliminary Information
DIM800DDM12 DYNEX-DIM800DDM12 Datasheet
171Kb / 10P
   Dual Switch IGBT Module Preliminary Information
DIM400GDM33-A000 DYNEX-DIM400GDM33-A000 Datasheet
162Kb / 10P
   Dual Switch IGBT Module Preliminary Information
DIM800NSM33-A000 DYNEX-DIM800NSM33-A000 Datasheet
174Kb / 10P
   Single Switch IGBT Module Preliminary Information
GP800NSM33 DYNEX-GP800NSM33 Datasheet
93Kb / 9P
   Hi-Reliability Single Switch IGBT Module Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com