Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F124-GQR Datasheet(PDF) 47 Page - Silicon Laboratories

Part No. C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 47 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 43Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 44Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 45Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 46Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 47Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 48Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 49Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 50Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 51Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
Rev. 1.4
47
A8m/A0/P6.0
80
80
D I/O Bit 8 External Memory Address bus (Multiplexed
mode)
Bit 0 External Memory Address bus (Non-multi-
plexed mode)
Port 6.0
See Port Input/Output section for complete
description.
A9m/A1/P6.1
79
79
D I/O Port 6.1. See Port Input/Output section for com-
plete description.
A10m/A2/P6.2
78
78
D I/O Port 6.2. See Port Input/Output section for com-
plete description.
A11m/A3/P6.3
77
77
D I/O Port 6.3. See Port Input/Output section for com-
plete description.
A12m/A4/P6.4
76
76
D I/O Port 6.4. See Port Input/Output section for com-
plete description.
A13m/A5/P6.5
75
75
D I/O Port 6.5. See Port Input/Output section for com-
plete description.
A14m/A6/P6.6
74
74
D I/O Port 6.6. See Port Input/Output section for com-
plete description.
A15m/A7/P6.7
73
73
D I/O Port 6.7. See Port Input/Output section for com-
plete description.
AD0/D0/P7.0
72
72
D I/O Bit 0 External Memory Address/Data bus (Multi-
plexed mode)
Bit 0 External Memory Data bus (Non-multi-
plexed mode)
Port 7.0
See Port Input/Output section for complete
description.
AD1/D1/P7.1
71
71
D I/O Port 7.1. See Port Input/Output section for com-
plete description.
AD2/D2/P7.2
70
70
D I/O Port 7.2. See Port Input/Output section for com-
plete description.
AD3/D3/P7.3
69
69
D I/O Port 7.3. See Port Input/Output section for com-
plete description.
AD4/D4/P7.4
68
68
D I/O Port 7.4. See Port Input/Output section for com-
plete description.
Table 4.1. Pin Definitions (Continued)
Name
Pin Numbers
Type
Description
‘F120
‘F122
‘F124
‘F126
‘F121
‘F123
‘F125
‘F127
‘F130
‘F132
‘F131
‘F133


Similar Part No. - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com