Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F124-GQR Datasheet(PDF) 59 Page - Silicon Laboratories

Part # C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 59 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 55Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 56Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 57Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 58Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 59Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 60Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 61Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 62Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 63Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
Rev. 1.4
59
5.2.3. Settling Time Requirements
A minimum tracking time is required before an accurate conversion can be performed. This tracking time is
determined by the ADC0 MUX resistance, the ADC0 sampling capacitance, any external source resis-
tance, and the accuracy required for the conversion. Figure 5.4 shows the equivalent ADC0 input circuits
for both Differential and Single-ended modes. Notice that the equivalent time constant for both input cir-
cuits is the same. The required settling time for a given settling accuracy (SA) may be approximated by
Equation 5.1. When measuring the Temperature Sensor output, RTOTAL reduces to RMUX. An absolute
minimum settling time of 1.5 µs is required after any MUX or PGA selection. Note that in low-power track-
ing mode, three SAR clocks are used for tracking at the start of every conversion. For most applications,
these three SAR clocks will meet the tracking requirements.
Equation 5.1. ADC0 Settling Time Requirements
Where:
SA
is the settling accuracy, given as a fraction of an LSB (for example, 0.25 to settle within 1/4 LSB)
t
is the required settling time in seconds
RTOTAL is the sum of the ADC0 MUX resistance and any external source resistance.
n
is the ADC resolution in bits (12).
Figure 5.4. ADC0 Equivalent Input Circuits
t
2
n
SA
-------


R
TOTALCSAMPLE
ln
=
R
MUX = 5k
RC
Input= RMUX * CSAMPLE
R
MUX = 5k
C
SAMPLE = 10pF
C
SAMPLE = 10pF
MUX Select
MUX Select
Differential Mode
AIN0.x
AIN0.y
R
MUX = 5k
C
SAMPLE = 10pF
RC
Input= RMUX * CSAMPLE
MUX Select
Single-Ended Mode
AIN0.x


Similar Part No. - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com