Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F124-GQR Datasheet(PDF) 71 Page - Silicon Laboratories

Part # C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 71 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 67Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 68Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 69Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 70Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 71Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 72Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 73Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 74Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 75Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
Rev. 1.4
71
Figure 5.9. 12-Bit ADC0 Window Interrupt Example: Left Justified Differential Data
0x7FF0
0x1010
0x1000
0x0FF0
0x0000
0xFFF0
0xFFE0
0x8000
AD0WINT=1
AD0WINT
not affected
AD0WINT
not affected
0x7FF0
0x1010
0x1000
0x0FF0
0x0000
0xFFF0
0xFFE0
0x8000
AD0WINT=1
AD0WINT
not affected
-REF
Input Voltage
(AD0.0 - AD0.1)
AD0WINT=1
REF x (2047/2048)
ADC0LTH:ADC0LTL
ADC0GTH:ADC0GTL
ADC Data
Word
ADC Data
Word
ADC0LTH:ADC0LTL
ADC0GTH:ADC0GTL
REF x (256/2048)
REF x (-1/2048)
-REF
Input Voltage
(AD0.0 - AD0.1)
REF x (2047/2048)
REF x (256/2048)
REF x (-1/2048)
Given:
AMX0SL = 0x00, AMX0CF = 0x01,
AD0LJST = ‘1’,
ADC0LTH:ADC0LTL = 0x1000,
ADC0GTH:ADC0GTL = 0xFFF0.
An ADC0 End of Conversion will cause an
ADC0 Window Compare Interrupt (AD0WINT
= ‘1’) if the resulting ADC0 Data Word is
< 0x1000 and > 0xFFF0. (2s-complement
math.)
Given:
AMX0SL = 0x00, AMX0CF = 0x01,
AD0LJST = ‘1’,
ADC0LTH:ADC0LTL = 0xFFF0,
ADC0GTH:ADC0GTL = 0x1000.
An ADC0 End of Conversion will cause an
ADC0 Window Compare Interrupt (AD0WINT
= ‘1’) if the resulting ADC0 Data Word is
< 0xFFF0 or > 0x1000. (2s-complement math.)


Similar Part No. - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com