Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F124-GQR Datasheet(PDF) 73 Page - Silicon Laboratories

Part No. C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 73 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 69Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 70Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 71Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 72Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 73Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 74Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 75Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 76Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 77Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
Rev. 1.4
73
6.
ADC0 (10-Bit ADC, C8051F122/3/6/7 and C8051F13x Only)
The ADC0 subsystem for the C8051F122/3/6/7 and C8051F13x consists of a 9-channel, configurable ana-
log multiplexer (AMUX0), a programmable gain amplifier (PGA0), and a 100 ksps, 10-bit successive-
approximation-register ADC with integrated track-and-hold and Programmable Window Detector (see
block diagram in Figure 6.1). The AMUX0, PGA0, Data Conversion Modes, and Window Detector are all
configurable under software control via the Special Function Registers shown in Figure 6.1. The voltage
reference used by ADC0 is selected as described in Section “9. Voltage Reference” on page 113. The
ADC0 subsystem (ADC0, track-and-hold and PGA0) is enabled only when the AD0EN bit in the ADC0
Control register (ADC0CN) is set to logic 1. The ADC0 subsystem is in low power shutdown when this bit is
logic 0.
Figure 6.1. 10-Bit ADC0 Functional Block Diagram
6.1.
Analog Multiplexer and PGA
Eight of the AMUX channels are available for external measurements while the ninth channel is internally
connected to an on-chip temperature sensor (temperature transfer function is shown in Figure 6.2). AMUX
input pairs can be programmed to operate in either differential or single-ended mode. This allows the user
to select the best measurement technique for each input channel, and even accommodates mode
changes "on-the-fly". The AMUX defaults to all single-ended inputs upon reset. There are two registers
associated with the AMUX: the Channel Selection register AMX0SL (SFR Definition 6.2), and the Configu-
ration register AMX0CF (SFR Definition 6.1). The table in SFR Definition 6.2 shows AMUX functionality by
channel, for each possible configuration. The PGA amplifies the AMUX output signal by an amount deter-
mined by the states of the AMP0GN2-0 bits in the ADC0 Configuration register, ADC0CF (SFR Definition
6.3). The PGA can be software-programmed for gains of 0.5, 2, 4, 8 or 16. Gain defaults to unity on reset.
10-Bit
SAR
ADC
+
-
AV+
TEMP
SENSOR
10
+
-
+
-
+
-
9-to-1
AMUX
(SE or
DIFF)
AV+
20
10
AD0EN
+
-
X
AIN0.0
AIN0.1
AIN0.2
AIN0.3
AIN0.4
AIN0.5
AIN0.6
AIN0.7
Start Conversion
AGND
AGND
ADC0LTL
ADC0LTH
ADC0GTL
ADC0GTH
Timer 3 Overflow
Timer 2 Overflow
00
01
10
11
AD0BUSY (W)
CNVSTR0
AD0WINT
Comb.
Logic
AMX0SL
AMX0CF
ADC0CF
ADC0CN


Similar Part No. - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz