Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F124-GQR Datasheet(PDF) 76 Page - Silicon Laboratories

Part No. C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 76 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 72Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 73Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 74Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 75Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 76Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 77Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 78Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 79Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 80Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
76
Rev. 1.4
6.2.2. Tracking Modes
The AD0TM bit in register ADC0CN controls the ADC0 track-and-hold mode. In its default state, the ADC0
input is continuously tracked when a conversion is not in progress. When the AD0TM bit is logic 1, ADC0
operates in low-power track-and-hold mode. In this mode, each conversion is preceded by a tracking
period of 3 SAR clocks (after the start-of-conversion signal). When the CNVSTR0 signal is used to initiate
conversions in low-power tracking mode, ADC0 tracks only when CNVSTR0 is low; conversion begins on
the rising edge of CNVSTR0 (see Figure 6.3). Tracking can also be disabled (shutdown) when the entire
chip is in low power standby or sleep modes. Low-power track-and-hold mode is also useful when AMUX
or PGA settings are frequently changed, to ensure that settling time requirements are met (see Section
“6.2.3. Settling Time Requirements” on page 77
).
Figure 6.3. ADC0 Track and Conversion Example Timing
12
3456789
10 11 12 13 14 15 16
CNVSTR0
(AD0CM[1:0]=10)
ADC0TM=1
ADC0TM=0
Timer 2, Timer 3 Overflow;
Write '1' to AD0BUSY
(AD0CM[1:0]=00, 01, 11)
ADC0TM=1
ADC0TM=0
A. ADC Timing for External Trigger Source
B. ADC Timing for Internal Trigger Sources
SAR Clocks
SAR Clocks
123456
789
10 11 12 13 14 15 16
17 18 19
123456
789
10 11 12 13 14 15 16
SAR Clocks
Track
Convert
Low Power Mode
Low Power
or Convert
Track Or Convert
Convert
Track
Track
Convert
Low Power Mode
Low Power
or Convert
Track or
Convert
Convert
Track


Similar Part No. - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com