Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F124-GQR Datasheet(PDF) 87 Page - Silicon Laboratories

Part No. C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 87 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 83Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 84Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 85Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 86Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 87Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 88Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 89Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 90Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 91Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
Rev. 1.4
87
Figure 6.7. 10-Bit ADC0 Window Interrupt Example: Right Justified Differential
Data
0x01FF
0x0101
0x0100
0x00FF
0x0000
0xFFFF
0xFFFE
0xFE00
ADWINT=1
ADWINT
not affected
ADWINT
not affected
0x01FF
0x0101
0x0100
0x00FF
0x0000
0xFFFF
0xFFFE
0xFE00
ADWINT=1
ADWINT
not affected
-REF
Input Voltage
(AD0.0 - AD0.1)
ADWINT=1
REF x (511/512)
ADC0LTH:ADC0LTL
ADC0GTH:ADC0GTL
ADC Data
Word
ADC Data
Word
ADC0LTH:ADC0LTL
ADC0GTH:ADC0GTL
REF x (256/512)
REF x (-1/512)
-REF
Input Voltage
(AD0.0 - AD0.1)
REF x (511/512)
REF x (256/512)
REF x (-1/512)
Given:
AMX0SL = 0x00, AMX0CF = 0x01,
AD0LJST = ‘0’,
ADC0LTH:ADC0LTL = 0x0100,
ADC0GTH:ADC0GTL = 0xFFFF.
An ADC0 End of Conversion will cause an
ADC0 Window Compare Interrupt (AD0WINT
= ‘1’) if the resulting ADC0 Data Word is
< 0x0100 and > 0xFFFF. (In 2s-complement
math, 0xFFFF = -1.)
Given:
AMX0SL = 0x00, AMX0CF = 0x01,
AD0LJST = ‘0’,
ADC0LTH:ADC0LTL = 0xFFFF,
ADC0GTH:ADC0GTL = 0x0100.
An ADC0 End of Conversion will cause an
ADC0 Window Compare Interrupt (AD0WINT
= ‘1’) if the resulting ADC0 Data Word is
< 0xFFFF or > 0x0100. (In 2s-complement
math, 0xFFFF = -1.)


Similar Part No. - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com