Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F124-GQR Datasheet(PDF) 100 Page - Silicon Laboratories

Part # C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 100 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 96Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 97Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 98Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 99Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 100Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 101Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 102Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 103Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 104Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
100
Rev. 1.4
7.3.
ADC2 Programmable Window Detector
The ADC2 Programmable Window Detector continuously compares the ADC2 output to user-programmed
limits, and notifies the system when a desired condition is detected. This is especially effective in an inter-
rupt-driven system, saving code space and CPU bandwidth while delivering faster system response times.
The window detector interrupt flag (AD2WINT in register ADC2CN) can also be used in polled mode. The
ADC2 Greater-Than (ADC2GT) and Less-Than (ADC2LT) registers hold the comparison values. Example
comparisons for Differential and Single-ended modes are shown in Figure 7.6 and Figure 7.5, respectively.
Notice that the window detector flag can be programmed to indicate when measured data is inside or out-
side of the user-programmed limits, depending on the contents of the ADC2LT and ADC2GT registers.
7.3.1. Window Detector In Single-Ended Mode
Figure 7.5 shows two example window comparisons for Single-ended mode, with ADC2LT = 0x20 and
ADC2GT = 0x10. Notice that in Single-ended mode, the codes vary from 0 to VREF*(255/256) and are
represented as 8-bit unsigned integers. In the left example, an AD2WINT interrupt will be generated if the
ADC2
conversion
word
(ADC2)
is
within
the
range
defined
by
ADC2GT
and
ADC2LT
(if 0x10
 ADC2  0x20). In the right example, and AD2WINT interrupt will be generated if ADC2 is outside
of the range defined by ADC2GT and ADC2LT (if ADC2
 0x10 or ADC2  0x20).
Figure 7.5. ADC2 Window Compare Examples, Single-Ended Mode
0xFF
0x21
0x20
0x1F
0x11
0x10
0x0F
0x00
0
Input Voltage
(AIN2.x - AGND)
REF x (255/256)
REF x (32/256)
REF x (16/256)
AD2WINT=1
AD2WINT
not affected
AD2WINT
not affected
ADC2LT
ADC2GT
0xFF
0x21
0x20
0x1F
0x11
0x10
0x0F
0x00
0
Input Voltage
(AIN2.x - AGND)
REF x (255/256)
REF x (32/256)
REF x (16/256)
AD2WINT
not affected
ADC2GT
ADC2LT
AD2WINT=1
AD2WINT=1
ADC2
ADC2


Similar Part No. - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com