Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F124-GQR Datasheet(PDF) 14 Page - Silicon Laboratories

Part No. C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 10Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 11Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 12Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 13Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 14Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 15Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 16Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 17Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
14
Rev. 1.4
18. Port Input/Output
Table 18.1. Port I/O DC Electrical Characteristics ................................................. 236
19. System Management Bus / I2C Bus (SMBus0)
Table 19.1. SMB0STA Status Codes and States .................................................. 270
20. Enhanced Serial Peripheral Interface (SPI0)
Table 20.1. SPI Slave Timing Parameters ............................................................ 285
21. UART0
Table 21.1. UART0 Modes .................................................................................... 288
Table 21.2. Oscillator Frequencies for Standard Baud Rates ............................... 295
22. UART1
Table 22.1. Timer Settings for Standard Baud Rates
Using The Internal 24.5 MHz Oscillator ............................................... 305
Table 22.2. Timer Settings for Standard Baud Rates
Using an External 25.0 MHz Oscillator ................................................ 306
Table 22.3. Timer Settings for Standard Baud Rates
Using an External 22.1184 MHz Oscillator .......................................... 306
Table 22.4. Timer Settings for Standard Baud Rates Using the PLL .................... 307
Table 22.5. Timer Settings for Standard Baud Rates Using the PLL .................... 307
23. Timers
24. Programmable Counter Array
Table 24.1. PCA Timebase Input Options ............................................................. 326
Table 24.2. PCA0CPM Register Settings for PCA Capture/Compare Modules .... 329
25. JTAG (IEEE 1149.1)
Table 25.1. Boundary Data Register Bit Definitions .............................................. 342


Similar Part No. - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com