Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F124-GQR Datasheet(PDF) 27 Page - Silicon Laboratories

Part No. C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 27 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 23Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 24Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 25Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 26Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 27Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 28Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 29Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 30Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 31Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
Rev. 1.4
27
1.1.
CIP-51™ Microcontroller Core
1.1.1. Fully 8051 Compatible
The C8051F12x and C8051F13x utilize Silicon Labs’ proprietary CIP-51 microcontroller core. The CIP-51
is fully compatible with the MCS-51™ instruction set; standard 803x/805x assemblers and compilers can
be used to develop software. The core has all the peripherals included with a standard 8052, including five
16-bit counter/timers, two full-duplex UARTs, 256 bytes of internal RAM, 128 byte Special Function Regis-
ter (SFR) address space, and 8/4 byte-wide I/O Ports.
1.1.2. Improved Throughput
The CIP-51 employs a pipelined architecture that greatly increases its instruction throughput over the stan-
dard 8051 architecture. In a standard 8051, all instructions except for MUL and DIV take 12 or 24 system
clock cycles to execute with a maximum system clock of 12-to-24 MHz. By contrast, the CIP-51 core exe-
cutes 70% of its instructions in one or two system clock cycles, with only four instructions taking more than
four system clock cycles.
The CIP-51 has a total of 109 instructions. The table below shows the total number of instructions that
require each execution time.
With the CIP-51's maximum system clock at 100 MHz, the C8051F120/1/2/3 and C8051F130/1/2/3 have a
peak throughput of 100 MIPS (the C8051F124/5/6/7 have a peak throughput of 50 MIPS).
Clocks to Execute
1
22/333/444/55
8
Number of Instructions
26
50
5
14
7
3
1
2
1


Similar Part No. - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com