Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F124-GQR Datasheet(PDF) 29 Page - Silicon Laboratories

Part No. C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 29 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 25Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 26Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 27Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 28Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 29Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 30Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 31Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 32Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
Rev. 1.4
29
1.2.
On-Chip Memory
The CIP-51 has a standard 8051 program and data address configuration. It includes 256 bytes of data
RAM, with the upper 128 bytes dual-mapped. Indirect addressing accesses the upper 128 bytes of general
purpose RAM, and direct addressing accesses the 128 byte SFR address space. The lower 128 bytes of
RAM are accessible via direct and indirect addressing. The first 32 bytes are addressable as four banks of
general purpose registers, and the next 16 bytes can be byte addressable or bit addressable.
The devices include an on-chip 8k byte RAM block and an external memory interface (EMIF) for accessing
off-chip data memory. The on-chip 8k byte block can be addressed over the entire 64k external data mem-
ory address range (overlapping 8k boundaries). External data memory address space can be mapped to
on-chip memory only, off-chip memory only, or a combination of the two (addresses up to 8k directed to on-
chip, above 8k directed to EMIF). The EMIF is also configurable for multiplexed or non-multiplexed
address/data lines.
On the C8051F12x and C8051F130/1, the MCU’s program memory consists of 128 k bytes of banked
Flash memory. The 1024 bytes from addresses 0x1FC00 to 0x1FFFF are reserved. On the C8051F132/3,
the MCU’s program memory consists of 64 k bytes of Flash memory. This memory may be reprogrammed
in-system in 1024 byte sectors, and requires no special off-chip programming voltage.
On all devices, there are also two 128 byte sectors at addresses 0x20000 to 0x200FF, which may be used
by software for data storage. See Figure 1.8 for the MCU system memory map.
Figure 1.8. On-Chip Memory Map
PROGRAM/DATA MEMORY
(FLASH)
FLASH
(In-System
Programmable in 1024
Byte Sectors)
0x00000
0x1FFFF
RESERVED
0x1FC00
0x1FBFF
Scrachpad Memory
(DATA only)
0x200FF
0x20000
(Direct and Indirect
Addressing)
Upper 128 RAM
(Indirect Addressing
Only)
Special Function
Registers
(Direct Addressing Only)
DATA MEMORY (RAM)
General Purpose
Registers
Bit Addressable
Lower 128 RAM
(Direct and Indirect
Addressing)
INTERNAL DATA ADDRESS SPACE
EXTERNAL DATA ADDRESS SPACE
XRAM - 8192 Bytes
(accessable using MOVX
instruction)
0x0000
0x1FFF
Off-chip XRAM space
0x2000
0xFFFF
Up To
256 SFR Pages
1
3
0
2
C8051F120/1/2/3/4/5/6/7
C8051F130/1
FLASH
(In-System
Programmable in 1024
Byte Sectors)
0x00000
0x0FFFF
Scrachpad Memory
(DATA only)
0x200FF
0x20000
C8051F132/3


Similar Part No. - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz