Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F124-GQR Datasheet(PDF) 30 Page - Silicon Laboratories

Part No. C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 30 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 26Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 27Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 28Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 29Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 30Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 31Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 32Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 33Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 34Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
30
Rev. 1.4
1.3.
JTAG Debug and Boundary Scan
JTAG boundary scan and debug circuitry is included which provides non-intrusive, full speed, in-circuit
debugging using the production part installed in the end application, via the four-pin JTAG interface. The
JTAG port is fully compliant to IEEE 1149.1, providing full boundary scan for test and manufacturing pur-
poses.
Silicon Labs' debugging system supports inspection and modification of memory and registers, break-
points, watchpoints, a stack monitor, and single stepping. No additional target RAM, program memory, tim-
ers, or communications channels are required. All the digital and analog peripherals are functional and
work correctly while debugging. All the peripherals (except for the ADC and SMBus) are stalled when the
MCU is halted, during single stepping, or at a breakpoint in order to keep them synchronized.
The C8051F120DK development kit provides all the hardware and software necessary to develop applica-
tion code and perform in-circuit debugging with the C8051F12x or C8051F13x MCUs.
The kit includes a Windows (95 or later) development environment, a serial adapter for connecting to the
JTAG port, and a target application board with a C8051F120 MCU installed. All of the necessary commu-
nication cables and a wall-mount power supply are also supplied with the development kit. Silicon Labs’
debug environment is a vastly superior configuration for developing and debugging embedded applications
compared to standard MCU emulators, which use on-board "ICE Chips" and target cables and require the
MCU in the application board to be socketed. Silicon Labs' debug environment both increases ease of use
and preserves the performance of the precision, on-chip analog peripherals.
Figure 1.9. Development/In-System Debug Diagram
TARGET PCB
Serial
Adapter
JTAG (x4), VDD, GND
WINDOWS 95 OR LATER
Silicon Labs Integrated
Development Environment
C8051
F12x/13x


Similar Part No. - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com