Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F124-GQR Datasheet(PDF) 31 Page - Silicon Laboratories

Part # C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 31 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 27Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 28Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 29Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 30Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 31Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 32Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 33Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 34Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 35Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
Rev. 1.4
31
1.4.
16 x 16 MAC (Multiply and Accumulate) Engine
The C8051F120/1/2/3 and C8051F130/1/2/3 devices include a multiply and accumulate engine which can
be used to speed up many mathematical operations. MAC0 contains a 16-by-16 bit multiplier and a 40-bit
adder, which can perform integer or fractional multiply-accumulate and multiply operations on signed input
values in two SYSCLK cycles. A rounding engine provides a rounded 16-bit fractional result after an addi-
tional (third) SYSCLK cycle. MAC0 also contains a 1-bit arithmetic shifter that will left or right-shift the con-
tents of the 40-bit accumulator in a single SYSCLK cycle.
Figure 1.10. MAC0 Block Diagram
MAC0CF
MAC0STA
16 x 16 Multiply
MAC0RNDH
MAC0RNDL
MAC0 Rounding Register
MAC0OVR
MAC0ACC3
MAC0ACC2
MAC0ACC1
MAC0ACC0
MAC0 Accumulator
40 bit Add
MAC0MS
1
0
0
Rounding Engine
1 bit Shift
MAC0FM
Flag Logic
MAC0BH
MAC0BL
MAC0 B Register
MAC0AH
MAC0AL
MAC0 A Register


Similar Part No. - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com