Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F124-GQR Datasheet(PDF) 34 Page - Silicon Laboratories

Part No. C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 34 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 30Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 31Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 32Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 33Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 34Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 35Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 36Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 37Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 38Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
34
Rev. 1.4
1.8.
12 or 10-Bit Analog to Digital Converter
All devices include either a 12 or 10-bit SAR ADC (ADC0) with a 9-channel input multiplexer and program-
mable gain amplifier. With a maximum throughput of 100 ksps, the 12 and 10-bit ADCs offer true 12-bit lin-
earity with an INL of ±1LSB. The ADC0 voltage reference can be selected from an external VREF pin, or
(on the C8051F12x devices) the DAC0 output. On the 100-pin TQFP devices, ADC0 has its own dedicated
Voltage Reference input pin; on the 64-pin TQFP devices, the ADC0 shares a Voltage Reference input pin
with the 8-bit ADC2. The on-chip voltage reference may generate the voltage reference for other system
components or the on-chip ADCs via the VREF output pin.
The ADC is under full control of the CIP-51 microcontroller via its associated Special Function Registers.
One input channel is tied to an internal temperature sensor, while the other eight channels are available
externally. Each pair of the eight external input channels can be configured as either two single-ended
inputs or a single differential input. The system controller can also put the ADC into shutdown mode to
save power.
A programmable gain amplifier follows the analog multiplexer. The gain can be set in software from 0.5 to
16 in powers of 2. The gain stage can be especially useful when different ADC input channels have widely
varied input voltage signals, or when it is necessary to "zoom in" on a signal with a large DC offset (in dif-
ferential mode, a DAC could be used to provide the DC offset).
Conversions can be started in four ways; a software command, an overflow of Timer 2, an overflow of
Timer 3, or an external signal input. This flexibility allows the start of conversion to be triggered by software
events, external HW signals, or a periodic timer overflow signal. Conversion completions are indicated by a
status bit and an interrupt (if enabled). The resulting 10 or 12-bit data word is latched into two SFRs upon
completion of a conversion. The data can be right or left justified in these registers under software control.
Window Compare registers for the ADC data can be configured to interrupt the controller when ADC data
is within or outside of a specified range. The ADC can monitor a key voltage continuously in background
mode, but not interrupt the controller unless the converted data is within the specified window.
Figure 1.13. 12-Bit ADC Block Diagram
12-Bit
SAR
ADC
12
+
-
TEMP
SENSOR
+
-
+
-
+
-
9-to-1
AMUX
(SE or
DIFF)
+
-
X
AIN0.0
AIN0.1
AIN0.2
AIN0.3
AIN0.4
AIN0.5
AIN0.6
AIN0.7
AV+
Programmable Gain
Amplifier
Analog Multiplexer
Window Compare
Logic
ADC Data
Registers
Window
Compare
Interrupt
Conversion
Complete
Interrupt
Configuration, Control, and Data
Registers
Start
Conversion
Timer 3 Overflow
Timer 2 Overflow
Write to AD0BUSY
CNVSTR0
External VREF
Pin
DAC0 Output
VREF
AGND


Similar Part No. - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com