Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-91-1243 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 15-91-1243
Description  2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 24 Circuits, 0.76關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

15-91-1243 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  15-91-1243 Datasheet HTML 1Page - Molex Electronics Ltd. 15-91-1243 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Process Temperature max. C
260
Material Info
Old Part Number
A713084224N
Reference - Drawing Numbers
Product Specification
PS-71308, RPS-71308-001
Sales Drawing
SD-71308-001
This document was generated on 08/29/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 15-91-1243

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-91-1240 MOLEX2-15-91-1240 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 4 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
15-91-1241 MOLEX11-15-91-1241 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 24 Circuits, Tin (Sn) Plating, with 3.30mm PCB Locator Pegs
15-91-1242 MOLEX11-15-91-1242 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 24 Circuits, 0.38關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
15-91-1244 MOLEX2-15-91-1244 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 4 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
15-91-1248 MOLEX2-15-91-1248 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 4 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
More results

Similar Description - 15-91-1243

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-91-1123 MOLEX11-15-91-1123 Datasheet
45Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 12 Circuits, 0.76關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
15-91-1643 MOLEX11-15-91-1643 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 64 Circuits, 0.76關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
15-91-1263 MOLEX11-15-91-1263 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 26 Circuits, 0.76關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
15-91-1363 MOLEX11-15-91-1363 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 36 Circuits, 0.76關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
15-91-1163 MOLEX11-15-91-1163 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 16 Circuits, 0.76關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
15-91-1583 MOLEX11-15-91-1583 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 58 Circuits, 0.76關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
15-91-1423 MOLEX11-15-91-1423 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 42 Circuits, 0.76關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
15-91-1683 MOLEX11-15-91-1683 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 68 Circuits, 0.76關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
15-91-1663 MOLEX11-15-91-1663 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 66 Circuits, 0.76關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
15-91-1143 MOLEX11-15-91-1143 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 14 Circuits, 0.76關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com