Electronic Components Datasheet Search |
|
GP1UE272XK Datasheet(PDF) 1 Page - Sharp Corporation |
|
GP1UE272XK Datasheet(HTML) 1 Page - Sharp Corporation |
1 / 7 page GP1UE26XK/GP1UE27XK Series GP1UE28XK/GP1UE28YK Series GP1UE26XK/27XK/28XK/28YK Series s Outline Dimensions GP1UE26XK Series GP1UE27XK Series *3 2.9 *1 2.54 *1 2.54 *3 5.8 2.9 *3 2.54 3−φ 0.8 Center of PD 1.4 1.4 2.54 1.*1 : Indicates root dimensions of connector. 2.Unspecified tolerance : ±0.3 3.Case thickness : 0.3TYP 4.*2 : Exclude sagged solder 5.*3 : If there are difficulties to insert the GP1UE26XK series on PCB, we recommend to expand +0.1mm from original 2.9mm. Example of mounting drawing from solder side (Reference) 1.8 R2.1 5 3.6 5.6 *23.6±0.5 8.6± 0.5 0.5 0.7 0.7 VOUT VCC GND 1 2 3 12 3 1 2 3 1.25 1.25 *3 2.9 *1 2.54 *1 2.54 *3 5.8 2.9 *3 2.54 3−φ 0.8 Center of PD 1.4 1.4 2.54 1.*1 : Indicates root dimensions of connector. 2.Unspecified tolerance : ±0.3 3.Case thickness : 0.3TYP 4.*2 : Exclude sagged solder 5.*3 : If there are difficulties to insert the GP1UE27XK series on PCB, we recommend to expand +0.1mm from original 2.9mm. Example of mounting drawing from solder side (Reference) 5.6 1.25 1.25 0.5 0.8 0.8 VOUT VCC GND 1 2 3 12 3 1 2 3 1.8 R2.1 10.2 3.6 *23.6±0.5 13.8± 0.5 Low Voltage Operation, Compact IR Detecting Unit for Remote Control 1. AV equipments 2. Home appliances s Features s Applications 1. Low dissipation current:MAX. 0.6mA(at VCC =3V) 2. Low operating voltage:2.4 to 3.6V 3. Compact (case volume). 4. Various B.P.F. (Band Pass Frequency) frequency to meet different user needs. Notice In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/ (Unit : mm) |
Similar Part No. - GP1UE272XK |
|
Similar Description - GP1UE272XK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |