Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP800DDS12 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # GP800DDS12
Description  Powerline N-Channel Dual Switch IGBT Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP800DDS12 Datasheet(HTML) 7 Page - Dynex Semiconductor

Back Button GP800DDS12 Datasheet HTML 3Page - Dynex Semiconductor GP800DDS12 Datasheet HTML 4Page - Dynex Semiconductor GP800DDS12 Datasheet HTML 5Page - Dynex Semiconductor GP800DDS12 Datasheet HTML 6Page - Dynex Semiconductor GP800DDS12 Datasheet HTML 7Page - Dynex Semiconductor GP800DDS12 Datasheet HTML 8Page - Dynex Semiconductor GP800DDS12 Datasheet HTML 9Page - Dynex Semiconductor GP800DDS12 Datasheet HTML 10Page - Dynex Semiconductor GP800DDS12 Datasheet HTML 11Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
GP800DDS12
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
7/11
Fig.9 Typical turn-off energy vs collector current
Fig.10 Typical turn-off energy vs collector current
Fig.11 Typical diode reverse recovery charge vs collector current
Fig.12 Typical switching characteristics
0
20
40
60
80
100
120
140
160
180
0
100
200
300
400
500
600
700
800
Collector current, IC - (A)
A : Rg = 6.8Ω
B : Rg = 4.7Ω
C : Rg = 3.3Ω
A
B
C
Conditions:
Tcase = 25˚C,
VCE = 600V,
VGE = ±15V
0
50
100
150
200
250
0
100
200
300
400
500
600
700
800
Collector current, IC - (A)
A : Rg = 6.8Ω
B : Rg = 4.7Ω
C : Rg = 3.3Ω
A
B
C
Conditions:
Tcase = 125˚C,
VCE = 600V,
VGE = ±15V
0
10
20
30
40
50
60
70
0
200
400
600
800
Collector current, IC (A)
Conditions:
VCE = 600V,
VGE = 15V,
Rg = 3.3Ω
Tcase = 25˚C
Tcase = 125˚C
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
100
200
300
400
500
600
700
800
Collector currrent, IC - (A)
td(off)
td(on)
tf
tr
Conditions:
Tcase = 125˚C,
VCE = 600V
VGE = 15V
Rg = 3.3Ω


Similar Part No. - GP800DDS12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP800DDS18 DYNEX-GP800DDS18 Datasheet
135Kb / 10P
   Dual Switch IGBT Module
More results

Similar Description - GP800DDS12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP400DDS12 DYNEX-GP400DDS12 Datasheet
100Kb / 10P
   Powerline N-Channel Dual Switch IGBT Module
GP800FSS12 DYNEX-GP800FSS12 Datasheet
89Kb / 11P
   Powerline N-Channel Single Switch IGBT Module Preliminary Information
GP2400ESM12 DYNEX-GP2400ESM12 Datasheet
169Kb / 12P
   Powerline N-Channel Single Switch IGBT Module Preliminary Information
GP1600FSS12 DYNEX-GP1600FSS12 Datasheet
88Kb / 11P
   Powerline N-Channel Single Switch IGBT Module Advance Information
logo
Powersem GmbH
PSTG75HST POWERSEM-PSTG75HST Datasheet
152Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG25HDT12 POWERSEM-PSTG25HDT12 Datasheet
129Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG75HST12 POWERSEM-PSTG75HST12 Datasheet
147Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
logo
Meder Electronic
PSTG25HDT MEDER-PSTG25HDT Datasheet
129Kb / 2P
   Powerline N-Channel Trench Gate IGBT Module
logo
Powersem GmbH
PSTG50HST12 POWERSEM-PSTG50HST12 Datasheet
143Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
PSTG25HTT POWERSEM-PSTG25HTT Datasheet
219Kb / 2P
   Powerline N-Channel Trench Gate-IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com