Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP801DCM18 Datasheet(PDF) 8 Page - Dynex Semiconductor

Part # GP801DCM18
Description  Hi-Reliability Chopper Switch Low VCESAT IGBT Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP801DCM18 Datasheet(HTML) 8 Page - Dynex Semiconductor

Back Button GP801DCM18 Datasheet HTML 2Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 3Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 4Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 5Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 6Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 7Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 8Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 9Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
GP801DCM18
8/10
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact your nearest Customer Service Centre. All dimensions in mm, unless
stated otherwise. DO NOT SCALE.
Nominal weight: 1000g
Module outline type code: D


Similar Part No. - GP801DCM18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP801DCS18 DYNEX-GP801DCS18 Datasheet
169Kb / 10P
   Chopper Switch Low VCESAT IGBT Module
More results

Similar Description - GP801DCM18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP800DCM18 DYNEX-GP800DCM18 Datasheet
158Kb / 10P
   Hi-Reliability Chopper Switch IGBT Module
GP801DDM18 DYNEX-GP801DDM18 Datasheet
142Kb / 10P
   Hi-Reliability Dual Switch Low VCESAT IGBT Module
GP801DCS18 DYNEX-GP801DCS18 Datasheet
169Kb / 10P
   Chopper Switch Low VCESAT IGBT Module
GP1600FSM18 DYNEX-GP1600FSM18 Datasheet
127Kb / 9P
   Hi-Reliability Single Switch IGBT Module
GP1200FSM18 DYNEX-GP1200FSM18 Datasheet
125Kb / 9P
   Hi-Reliability Single Switch IGBT Module
GP2400ESM18 DYNEX-GP2400ESM18 Datasheet
156Kb / 10P
   Hi-Reliability Single Switch IGBT Module
GP800FSM18 DYNEX-GP800FSM18 Datasheet
143Kb / 10P
   Hi-Reliability Single Switch IGBT Module
GP2401ESM18 DYNEX-GP2401ESM18 Datasheet
152Kb / 9P
   Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
GP801FSM18 DYNEX-GP801FSM18 Datasheet
141Kb / 10P
   Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
GP800DDM12 DYNEX-GP800DDM12 Datasheet
114Kb / 11P
   Hi-Reliability Dual Switch IGBT Module Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com