Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMG3A Datasheet(PDF) 2 Page - Rohm

Part # FMG3A
Description  NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMG3A Datasheet(HTML) 2 Page - Rohm

  FMG3A Datasheet HTML 1Page - Rohm FMG3A Datasheet HTML 2Page - Rohm FMG3A Datasheet HTML 3Page - Rohm FMG3A Datasheet HTML 4Page - Rohm FMG3A Datasheet HTML 5Page - Rohm FMG3A Datasheet HTML 6Page - Rohm FMG3A Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMG3 / UMG3N / FMG3A
lAbsolute maximum ratings
(Ta = 25°C)
<For Tr1 and Tr2 in common>
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
lElectrical characteristics
(Ta = 25°C)
<For Tr1 and Tr2 in common>
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
*3 120mW per element must not be exceeded.
*4 200mW per element must not be exceeded.
MHz
-
250
-
Transition frequency
fT *1
VCE = 10V, IE = -5mA,
f = 100MHz
-
3.5
4.7
5.9
kW
100
250
600
m
A
-
-
0.15
V
-
-
0.5
-
-
0.5
m
A
5
-
-
-
-
V
V
V
Collector-emitter breakdown voltage
BVCEO IC= 1mA
50
-
50
-
Collector-base breakdown voltage
BVCBO IC= 50mA
Unit
Min.
Typ.
Max.
Parameter
Symbol
Conditions
Tj
150
°C
Tstg
-
55 to +150
°C
IC(MAX.)*1
100
mA
EMG3 / UMG3N
PD *2
150 (Total)*3
mW
FMG3A
300 (Total)*4
mW
VCEO
50
V
VEBO
5
V
Parameter
Symbol
Values
Unit
VCBO
50
V
IE= 50mA
Collector cut-off current
ICBO
VCB = 50V
Emitter cut-off current
IEBO
VEB = 4V
Emitter-base breakdown voltage
BVEBO
IC / IB= 5mA / 0.25mA
DC current gain
hFE
VCE= 5V , IC= 1mA ,
Input resistance
R1
-
Collector-emitter saturation voltage
VCE(sat)
2/6
2012.06 - Rev.B


Similar Part No. - FMG3A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMG3A ROHM-FMG3A Datasheet
67Kb / 3P
   Emitter common (dual digital transistors)
FMG3A ROHM-FMG3A Datasheet
422Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG3A ROHM-FMG3A Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
logo
Guangdong Kexin Industr...
FMG3A KEXIN-FMG3A Datasheet
176Kb / 2P
   Emitter common
logo
Rohm
FMG3AT148 ROHM-FMG3AT148 Datasheet
422Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - FMG3A

ManufacturerPart #DatasheetDescription
logo
Rohm
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG5T2R ROHM-EMG5T2R Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG2AT148 ROHM-FMG2AT148 Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMH8NTR ROHM-UMH8NTR Datasheet
361Kb / 6P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG6NTR ROHM-UMG6NTR Datasheet
434Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG2NTR ROHM-UMG2NTR Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG8AT148 ROHM-FMG8AT148 Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH2 ROHM-EMH2_12 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG1T2R ROHM-EMG1T2R Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com