Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMG3A Datasheet(PDF) 4 Page - Rohm

Part # FMG3A
Description  NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMG3A Datasheet(HTML) 4 Page - Rohm

  FMG3A Datasheet HTML 1Page - Rohm FMG3A Datasheet HTML 2Page - Rohm FMG3A Datasheet HTML 3Page - Rohm FMG3A Datasheet HTML 4Page - Rohm FMG3A Datasheet HTML 5Page - Rohm FMG3A Datasheet HTML 6Page - Rohm FMG3A Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMG3 / UMG3N / FMG3A
lDimensions
(Unit : mm)
Dimension in mm/inches
EMT5
Patterm of terminal position areas
b
D
e
x
S A
A
c
y S
S
b2
e
MIN
MAX
MIN
MAX
A1
0.00
0.10
0
0.004
A
0.45
0.55
0.018
0.022
b
0.17
0.27
0.007
0.011
c
0.08
0.18
0.003
0.007
D
1.50
1.70
0.059
0.067
E
1.10
1.30
0.043
0.051
e
HE
1.50
1.70
0.059
0.067
L
0.10
0.30
0.004
0.012
Lp
-
0.35
-
0.014
x
-
0.10
-
0.004
y
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
b2
-
0.37
-
0.015
l1
-
0.45
-
0.018
INCHES
0.50
0.02
DIM
MILIMETERS
MILIMETERS
INCHES
1.25
0.049
DIM
4/6
2012.06 - Rev.B


Similar Part No. - FMG3A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMG3A ROHM-FMG3A Datasheet
67Kb / 3P
   Emitter common (dual digital transistors)
FMG3A ROHM-FMG3A Datasheet
422Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG3A ROHM-FMG3A Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
logo
Guangdong Kexin Industr...
FMG3A KEXIN-FMG3A Datasheet
176Kb / 2P
   Emitter common
logo
Rohm
FMG3AT148 ROHM-FMG3AT148 Datasheet
422Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - FMG3A

ManufacturerPart #DatasheetDescription
logo
Rohm
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG5T2R ROHM-EMG5T2R Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG2AT148 ROHM-FMG2AT148 Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMH8NTR ROHM-UMH8NTR Datasheet
361Kb / 6P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG6NTR ROHM-UMG6NTR Datasheet
434Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG2NTR ROHM-UMG2NTR Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG8AT148 ROHM-FMG8AT148 Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH2 ROHM-EMH2_12 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG1T2R ROHM-EMG1T2R Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com