Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K100A Datasheet(PDF) 13 Page - Altera Corporation

Part # EPF10K100A
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K100A Datasheet(HTML) 13 Page - Altera Corporation

Back Button EPF10K100A Datasheet HTML 9Page - Altera Corporation EPF10K100A Datasheet HTML 10Page - Altera Corporation EPF10K100A Datasheet HTML 11Page - Altera Corporation EPF10K100A Datasheet HTML 12Page - Altera Corporation EPF10K100A Datasheet HTML 13Page - Altera Corporation EPF10K100A Datasheet HTML 14Page - Altera Corporation EPF10K100A Datasheet HTML 15Page - Altera Corporation EPF10K100A Datasheet HTML 16Page - Altera Corporation EPF10K100A Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
Altera Corporation
13
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Logic Array Block
Each LAB consists of eight LEs, their associated carry and cascade chains,
LAB control signals, and the LAB local interconnect. The LAB provides
the coarse-grained structure to the FLEX 10K architecture, facilitating
efficient routing with optimum device utilization and high performance.
See Figure 5.
Figure 5. FLEX 10K LAB
Notes:
(1)
EPF10K10, EPF10K10A, EPF10K20, EPF10K30, EPF10K30A, EPF10K40, EPF10K50, and EPF10K50V devices have
22 inputs to the LAB local interconnect channel from the row; EPF10K70, EPF10K100, EPF10K100A, EPF10K130V,
and EPF10K250A devices have 26.
(2)
EPF10K10, EPF10K10A, EPF10K20, EPF10K30, EPF10K30A, EPF10K40, EPF10K50, and EPF10K50V devices have
30 LAB local interconnect channels; EPF10K70, EPF10K100, EPF10K100A, EPF10K130V, and EPF10K250A devices
have 34 LABs.
2
8
Carry-In &
Cascade-In
LE1
LE8
LE2
LE3
LE4
LE5
LE6
LE7
Column
Interconnect
Row Interconnect
(1)
LAB Local
Interconnect (2)
Column-to-Row
Interconnect
Carry-Out &
Cascade-Out
16
24
LAB Control
Signals
See Figure 11
for details.
6
Dedicated Inputs &
Global Signals
16
4
8
4
4
4
4
4
4
4
4
4
4
2
8


Similar Part No. - EPF10K100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com