Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K100A Datasheet(PDF) 29 Page - Altera Corporation

Part # EPF10K100A
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K100A Datasheet(HTML) 29 Page - Altera Corporation

Back Button EPF10K100A Datasheet HTML 25Page - Altera Corporation EPF10K100A Datasheet HTML 26Page - Altera Corporation EPF10K100A Datasheet HTML 27Page - Altera Corporation EPF10K100A Datasheet HTML 28Page - Altera Corporation EPF10K100A Datasheet HTML 29Page - Altera Corporation EPF10K100A Datasheet HTML 30Page - Altera Corporation EPF10K100A Datasheet HTML 31Page - Altera Corporation EPF10K100A Datasheet HTML 32Page - Altera Corporation EPF10K100A Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
Altera Corporation
29
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
I/O Element
An I/O element (IOE) contains a bidirectional I/O buffer and a register
that can be used either as an input register for external data that requires
a fast setup time, or as an output register for data that requires fast clock-
to-output performance. In some cases, using an LE register for an input
register will result in a faster setup time than using an IOE register. IOEs
can be used as input, output, or bidirectional pins. For bidirectional
registered I/O implementation, the output register should be in the IOE
and, the data input and output enable register should be LE registers
placed adjacent to the bidirectional pin. The Compiler uses the
programmable inversion option to invert signals from the row and
column interconnect automatically where appropriate. Figure 13 shows
the bidirectional I/O registers.


Similar Part No. - EPF10K100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K100A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com