Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERX3S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERX3S
Description  Metal (Oxide) Film Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERX3S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERX3S Datasheet HTML 1Page - Panasonic Semiconductor ERX3S Datasheet HTML 2Page - Panasonic Semiconductor ERX3S Datasheet HTML 3Page - Panasonic Semiconductor ERX3S Datasheet HTML 4Page - Panasonic Semiconductor ERX3S Datasheet HTML 5Page - Panasonic Semiconductor ERX3S Datasheet HTML 6Page - Panasonic Semiconductor ERX3S Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal (Oxide) Film Resistors
Product Code
ERX
Metal Film
Resistors
12
1
2
3
5
0.5 W
1 W
2 W
3 W
5 W
Power Rating at 70 °C
S
F
Small size
0.5 W to 5 W
Small size Anti-heat
conducting type
(Fe lead wire)
1 W to 5 W
Style · Specification
J
G
±5 %
±2 %
Resistance
Tolerance
Resistance Value
1
2
3
4
5
6
7
8
9
10
11
12
···
···P
···V
U···V
···E
W···E
··H
S···E
Straight lead wire type
Cut & Forming type
Axial taping type (Straight lead)
Axial taping type (Stand off)
Radial taping type (E type)
Radial taping type (WE type)
Cut & Forming type
Radial taping type (SE type)
The first two digits are significant figures
of resistance and the third one denotes
number of zeros following.
Decimal point is expressed by
(Ex.) 1R0 : 1.0
ERX12S
±5 %
0.10 to 0.18
0.20 to 9.1
±2 %
0.10 to 0.91
1.0 to 9.1
ERX1S
±5 %
0.10 to 0.18
0.20 to 9.1
ERX1F
±2 %
0.10 to 0.91
1.0 to 9.1
ERX2S
±5 %
0.10 to 0.20
0.22 to 9.1
ERX2F
±2 %
0.10 to 0.91
1.0 to 9.1
ERX3S
±5 %
0.10 to 0.20
0.22 to 9.1
ERX3F
±2 %
0.10 to 0.91
1.0 to 9.1
ERX5S
±5 %
0.33 to 9.1
ERX5F
±2 %
1.0 to 9.1
Type
Resistance
Resistance Value Range ( )
Tolerance
ERX
SZ
ERX
S
Forming / Packaging
The matrix of forming and packaging is as shown in the table below.
“Z” is added according to resistance.
Forming & Taping matrix
Code
12S 1S 2S 3S 5S 1F 2F 3F 5F
Product Code
ERG
Metal Oxide
Film Resistors
12
1
2
3
5
0.5 W
1 W
2 W
3 W
5 W
Power Rating at 70 °C
S
F
Small size
0.5 W to 5 W
Small size Anti-heat
conducting type
(Fe lead wire)
1 W to 5 W
Style · Specification
J
G
±5 %
±2 %
Resistance
Tolerance
Resistance Value
1
2
3
4
5
6
7
8
9
10
11
12
···
···P
···V
U···V
···E
W···E
···H
S···E
Straight lead wire type
Cut & Forming type
Axial taping type(Straight lead)
Axial taping type(Stand off)
Radial taping type(E type)
Radial taping type(WE type)
Cut & Forming type
Radial taping type(SE type)
The first two digits are significant figures
of resistance and the third one denotes
number of zeros following.
Decimal point is expressed by
(Ex.) 103 : 10 k
Forming / Packaging
The matrix of forming and packaging is as shown in the table below.
Forming & Taping matrix
Code
12S 1S 2S 3S 5S 1F 2F 3F 5F
Metal (Oxide) Film Resistors
Type:
ERG(X)S (Small size)
(0.5 W, 1 W, 2 W, 3 W, 5 W)
ERG(X)F (Anti-heat conducting for PCB)
(1 W, 2 W, 3 W, 5 W)
Features
● Miniaturized
50 % smaller compared to existing models
● Non-flammable
● High Reliability
● Automatic Insertion
● Reference Standards
IEC 60115-2, IEC 60115-4, JIS C 5201-4, EIAJ RC-2138
● RoHS compliant
Explanation of Part Numbers
Ex.1 : ERX type
The above example 1 shows a small metal film resistor, 2 W power rating, resistance value of 1.0
Ω, tolerance ±5 %, and package of radial taping.
Ex.2 : ERG type
The above example 2 shows a small metal oxide film resistor, 2 W power rating, resistance value of 10 k
Ω, tolerance ±5 %, and package of radial taping.
Aug. 2012
01
51


Similar Part No. - ERX3S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERX3S PANASONIC-ERX3S Datasheet
172Kb / 7P
   Metal Oxide Film Resistors
ERX3S PANASONIC-ERX3S Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX3SZGS1R0E PANASONIC-ERX3SZGS1R0E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX3SZGS1R0E PANASONIC-ERX3SZGS1R0E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX3SZGW1R0E PANASONIC-ERX3SZGW1R0E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
More results

Similar Description - ERX3S

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
   Metal Oxide Film Resistors
logo
Panasonic Semiconductor
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
   METAL OXIDE FILM RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERGX12S PANASONIC-ERGX12S Datasheet
172Kb / 7P
   Metal Oxide Film Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com