Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZE08A201 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERZE08A201
Description  ?쏾NR??Transient/Surge Absorbers (Type D)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZE08A201 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERZE08A201 Datasheet HTML 1Page - Panasonic Semiconductor ERZE08A201 Datasheet HTML 2Page - Panasonic Semiconductor ERZE08A201 Datasheet HTML 3Page - Panasonic Semiconductor ERZE08A201 Datasheet HTML 4Page - Panasonic Semiconductor ERZE08A201 Datasheet HTML 5Page - Panasonic Semiconductor ERZE08A201 Datasheet HTML 6Page - Panasonic Semiconductor ERZE08A201 Datasheet HTML 7Page - Panasonic Semiconductor ERZE08A201 Datasheet HTML 8Page - Panasonic Semiconductor ERZE08A201 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
Reference Guide to Standard Products
Part No.
Applicable
Standards
Varistor
Voltage
at 1 mA
Maximum
Allowable
Voltage
Clamping
Voltage
at 8/20μs
Maximum
Peak Current
at 8/20μs(A)
Recommended Applications
Type
Name
Approvals
(V)
ACrms (V) DC (V) max.(V) Ip (A) 1 time 2 times
ERZE05A201
E201
○☆◇
200
(185 to 225)
130
170
340
10
1200
600
AC 100 V Line–Line
Applications
ERZE07A201
E7201
○☆◇
340
25
2500
1250
ERZE08A201
E8201
○☆◇
340
25
3500
2500
ERZE10A201
E10201
○☆◇
340
50
4500
3000
ERZE11A201
E11201 ○◎☆★◇◆
340
50
6000
5000
ERZE14A201
E14201 ○◎☆★◇◆
340
100
10000
7000
ERZE05A221
E221
○☆◇
220
(198 to 242)
140
180
360
10
1200
600
ERZE07A221
E7221
○☆◇
360
25
2500
1250
ERZE08A221
E8221
○☆◇
360
25
3500
2500
ERZE10A221
E10221
○☆◇
360
50
4500
3500
ERZE11A221
E11221 ○◎☆★◇◆
360
50
6000
5000
ERZE14A221
E14221 ○◎☆★◇◆
360
100
10000
7000
ERZE05A241
E241
○☆◇
240
(216 to 264)
150
200
395
10
1200
600
AC 100 V to 120 V, Line–Line
Applications
ERZE07A241
E7241
○☆◇
395
25
2500
1250
ERZE08A241
E8241
○☆◇
395
25
3500
2500
ERZE10A241
E10241
○☆◇
395
50
4500
3000
ERZE11A241
E11241 ○◎☆★◇◆
395
50
6000
5000
ERZE14A241
E14241 ○◎☆★◇◆
395
100
10000
7000
ERZE05A271
E271
○☆◇
270
(247 to 303)
175
225
455
10
1200
600
ERZE07A271
E7271
○☆◇
455
25
2500
1250
ERZE08A271
E8271
○☆◇
455
25
3500
2500
ERZE10A271
E10271
○☆◇
455
50
4500
3000
ERZE11A271
E11271 ○◎☆★◇◆
455
50
6000
5000
ERZE14A271
E14271 ○◎☆★◇◆
455
100
10000
7000
ERZE05A331
E331
○☆◇
330
(297 to 363)
210
270
545
10
1200
600
AC 100 V to 120 V, Line–Line
Applications
Telephone Line Applications,
(For DC 250 V Insulation
Resistance Test)
ERZE07A331
E7331
○☆◇
545
25
2500
1250
ERZE08A331
E8331
○☆◇
545
25
3500
2500
ERZE10A331
E10331
○☆◇
545
50
4500
3000
ERZE11A331
E11331 ○◎☆★◇◆
545
50
6000
4500
ERZE14A331
E14331 ○◎☆★◇◆
545
100
10000
6500
ERZE05A361
E361
○☆◇
360
(324 to 396)
230
300
595
10
1200
600
ERZE07A361
E7361
○☆◇
595
25
2500
1250
ERZE08A361
E8361
○☆◇
595
25
3500
2500
ERZE10A361
E10361
○☆◇
595
50
4500
3000
ERZE11A361
E11361 ○◎☆★◇◆
595
50
6000
4500
ERZE14A361
E14361 ○◎☆★◇◆
595
100
10000
6500
ERZE05A391
E391
○☆◇
390
(351 to 429)
250
320
650
10
1200
600
ERZE07A391
E7391
○☆◇
650
25
2500
1250
ERZE08A391
E8391
○☆◇
650
25
3500
2500
ERZE10A391
E10391
○☆◇
650
50
4500
3000
ERZE11A391
E11391 ○◎☆★◇◆
650
50
6000
4500
ERZE14A391
E14391 ○◎☆★◇◆
650
100
10000
6500
ERZE05A431
E431
○☆◇
430
(387 to 473)
275
350
710
10
1200
600
AC 100 V to 220 V, Line–Line
and
Line–Ground Applications
ERZE07A431
E7431
○☆◇
710
25
2500
1250
ERZE08A431
E8431
○☆◇
710
25
3500
2500
ERZE10A431
E10431
○☆◇
710
50
4500
3000
ERZE11A431
E11431 ○◎☆★◇◆
710
50
6000
4500
ERZE14A431
E14431 ○◎☆★◇◆
710
100
10000
6500
○ : UL1449 (VZCA2/UL, VZCA8/C-UL), ● : UL1449 Type3 (or Code-Connected and Direct plug-in),
◎ : UL1449 Type2 (or Permanently Connected), ☆ : VDE (IEC61051-1, -2, -2-2), ★ : VDE (IEC60950-1 Annex.Q)
◇ : CQC (GB/T10193, GB/T10194), ◆ : CQC (GB4943.1, GB8898)
※ Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the latest file No.
Dec. 2013
07
2


Similar Part No. - ERZE08A201

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-CF2MK271 PANASONIC-ERZ-CF2MK271 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-V05D431 PANASONIC-ERZ-V05D431 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
logo
International Rectifier
ERZ-V05D471 IRF-ERZ-V05D471 Datasheet
355Kb / 16P
   High Power Factor/Low THD
ERZ-V05D471 IRF-ERZ-V05D471 Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
More results

Similar Description - ERZE08A201

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-VA5V271 PANASONIC-ERZ-VA5V271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA9D471 PANASONIC-ERZ-VA9D471 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V14D101 PANASONIC-ERZ-V14D101 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R221 PANASONIC-ERZ-V20R221 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA5V221 PANASONIC-ERZ-VA5V221 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VGAD471 PANASONIC-ERZ-VGAD471 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D431 PANASONIC-ERZ-V05D431 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R241 PANASONIC-ERZ-V20R241 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9D271 PANASONIC-ERZ-VA9D271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com