Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZE11A221 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ERZE11A221
Description  ?쏾NR??Transient/Surge Absorbers (Type D)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZE11A221 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ERZE11A221 Datasheet HTML 4Page - Panasonic Semiconductor ERZE11A221 Datasheet HTML 5Page - Panasonic Semiconductor ERZE11A221 Datasheet HTML 6Page - Panasonic Semiconductor ERZE11A221 Datasheet HTML 7Page - Panasonic Semiconductor ERZE11A221 Datasheet HTML 8Page - Panasonic Semiconductor ERZE11A221 Datasheet HTML 9Page - Panasonic Semiconductor ERZE11A221 Datasheet HTML 10Page - Panasonic Semiconductor ERZE11A221 Datasheet HTML 11Page - Panasonic Semiconductor ERZE11A221 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
D
T
F
F
f 0.8
L
Series E8
Ratings and Characteristics
● Operating Temperature Range : –40 to 85 °C ● Storage Temperature Range : –40 to 125 °C
✽Ip Measuring current of clamping voltage : 25 A
Dimensions in mm (not to scale)
Part No.
Varistor
Voltage
Maximum
Allowable
Voltage
Clamping
Voltage
(max.)
Ip
Rated
Power
Maximum
Energy
Maximum
Peak Current
(8/20 μs)
Capacitance
(max.)
(10/1000 μs) (2 ms)
1 time 2 times
V1 mA (V)
ACrms (V)
DC (V)
(V)
(W)
(J)
(J)
(A)
(A)
at 1 kHz (pF)
ERZE08A201 200(185 to 225)
130
170
340
0.4
35
25
3500 2500
390
ERZE08A221 220(198 to 242)
140
180
360
0.4
39
27.5
3500 2500
380
ERZE08A241 240(216 to 264)
150
200
395
0.4
42
30
3500 2500
360
ERZE08A271 270(247 to 303)
175
225
455
0.4
49
35
3500 2500
330
ERZE08A331 330(297 to 363)
210
270
545
0.4
58
42
3500 2500
300
ERZE08A361 360(324 to 396)
230
300
595
0.4
65
45
3500 2500
280
ERZE08A391 390(351 to 429)
250
320
650
0.4
70
50
3500 2500
260
ERZE08A431 430(387 to 473)
275
350
710
0.4
80
55
3500 2500
230
ERZE08A471 470(423 to 517)
300
385
775
0.4
85
60
3500 2500
180
ERZE08A511 510(459 to 561)
320
410
845
0.4
92
67
3500 2500
150
ERZE08A561 560(504 to 616)
350
450
930
0.4
92
67
3500 2500
150
ERZE08A621 620(558 to 682)
385
505
1025
0.4
92
67
3500 2500
140
ERZE08A681 680(612 to 748)
420
560
1120
0.4
92
67
3500 2500
130
ERZE08A751 750(675 to 825)
460
615
1240
0.4
100
70
3500 2500
130
Part No.
D max.
T max.
F±1.0
A max.
L±1.0
ERZE08A201
10.5
5.1
7.5
13.5
1.9
ERZE08A221
10.5
5.2
7.5
13.5
2.0
ERZE08A241
10.5
5.3
7.5
13.5
2.1
ERZE08A271
10.5
5.5
7.5
13.5
2.3
ERZE08A331
10.5
5.9
7.5
13.5
2.6
ERZE08A361
10.5
6.1
7.5
13.5
2.8
ERZE08A391
10.5
6.3
7.5
13.5
2.9
ERZE08A431
10.5
6.5
7.5
13.5
3.1
ERZE08A471
10.5
7.3
7.5
13.5
3.6
ERZE08A511
10.5
7.8
7.5
13.5
4.0
ERZE08A561
10.5
8.1
7.5
13.5
4.3
ERZE08A621
11.5
8.7
7.5
14.5
4.7
ERZE08A681
11.5
9.0
7.5
14.5
5.0
ERZE08A751
11.5
9.7
7.5
14.5
5.6
Aug. 2012
00
8


Similar Part No. - ERZE11A221

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-CF2MK271 PANASONIC-ERZ-CF2MK271 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-V05D431 PANASONIC-ERZ-V05D431 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
logo
International Rectifier
ERZ-V05D471 IRF-ERZ-V05D471 Datasheet
355Kb / 16P
   High Power Factor/Low THD
ERZ-V05D471 IRF-ERZ-V05D471 Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
More results

Similar Description - ERZE11A221

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-VA5V271 PANASONIC-ERZ-VA5V271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA9D471 PANASONIC-ERZ-VA9D471 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V14D101 PANASONIC-ERZ-V14D101 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R221 PANASONIC-ERZ-V20R221 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA5V221 PANASONIC-ERZ-VA5V221 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VGAD471 PANASONIC-ERZ-VGAD471 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D431 PANASONIC-ERZ-V05D431 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R241 PANASONIC-ERZ-V20R241 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9D271 PANASONIC-ERZ-VA9D271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com